Electronic Components Datasheet Search
  English  ▼

X  

552944 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 552944
Description  Micro filter cartridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

552944 Datasheet(HTML) 1 Page - Festo Corporation.

  552944 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micro filter cartridge
MS9-LFM-A-HF
Part number: 552944
Data sheet
Feature
Value
Size
9
Series
MS
Grade of filtration
0.01 µm
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Note on materials
Free of copper and PTFE
Compressed air filter material
Borosilicate fiber
3/10/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 552944

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
552945 FESTO-552945 Datasheet
55Kb / 1P
Fine filter cartridge
3/10/22
552946 FESTO-552946 Datasheet
59Kb / 1P
Active carbon filter cartridge
3/10/22
More results

Similar Description - 552944

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
159640 FESTO-159640 Datasheet
104Kb / 1P
Filter cartridge
3/10/22
159641 FESTO-159641 Datasheet
105Kb / 1P
Filter cartridge
3/10/22
162674 FESTO-162674 Datasheet
117Kb / 1P
Micro filter cartridge
3/10/22
162675 FESTO-162675 Datasheet
116Kb / 1P
Micro filter cartridge
3/10/22
162676 FESTO-162676 Datasheet
116Kb / 1P
Micro filter cartridge
3/10/22
532909 FESTO-532909 Datasheet
124Kb / 1P
Micro filter cartridge
3/10/22
537146 FESTO-537146 Datasheet
54Kb / 1P
Micro filter cartridge
3/10/22
547922 FESTO-547922 Datasheet
69Kb / 1P
Micro filter cartridge
3/10/22
552093 FESTO-552093 Datasheet
51Kb / 1P
Micro filter cartridge
3/10/22
553036 FESTO-553036 Datasheet
53Kb / 1P
Micro filter cartridge
3/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com