Electronic Components Datasheet Search
  English  ▼

X  

AP4302AP Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP4302AP
Description  QUAD OP AMP AND VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4302AP Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4302AP Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP4302AP Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302
Data Sheet
10
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions
DIP-16
Unit: mm(inch)
18.800(0.740)
0.254(0.010)
2.540(0.100)
6°
4°
1.524(0.060)TYP
5°
4°
6°
Φ3.000(0.118)
Depth
0.050(0.002)
0.150(0.006)
0.700(0.028)
19.200(0.756)
R0.750(0.030)
6.200(0.244)
3.000(0.118)
3.600(0.142)
3.710(0.146)
4.310(0.170)
0.510(0.020)MIN
0.360(0.014)
0.560(0.022)
6.600(0.260)
8.200(0.323)
9.400(0.370)
0.204(0.008)
0.360(0.014)
3.200(0.126)
3.600(0.142)
7.620(0.300)TYP
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com