Electronic Components Datasheet Search
  English  ▼

X  

AP4303AP-C Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP4303AP-C
Description  QUAD OP AMP AND VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4303AP-C Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4303AP-C Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4303AP-C Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4303AP-C Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4303AP-C Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4303AP-C Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4303AP-C Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4303AP-C Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP4303AP-C Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP4303AP-C Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4303
Data Sheet
9
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
30
Ambient Temperature (
oC)
V
CC
=15V
Figure10. Op Amp Input Current
0
2
4
6
8
101214
161820
60
70
80
90
100
110
Supply Voltage (V)
R
L
=2KΩ
R
L
=20KΩ
Figure 11. Op Amp Voltage Gain
1HZ
10HZ
100HZ
1kHZ
10kHZ
100kHZ
1MHZ
0
10
20
30
40
50
60
70
80
90
100
110
Frequency
V
CC
: 10V to 15V
DC
T
A
: -40
oC to 85oC
R 10M
V
IN
V
CC/2
V
O
V
CC
0.1uF
Figure 12. Open Loop Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com