Electronic Components Datasheet Search
  English  ▼

X  

AP4305 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP4305
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4305 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP4305 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4305 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4305 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4305 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4305 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4305 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4305 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4305 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4305 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305
Preliminary Datasheet
1
Sep. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
General Description
The AP4305 is a highly integrated solution for a con-
stant voltage/constant current mode SMPS application.
The AP4305 contains one 1.21V voltage reference
with ± 0.5% accuracy, one current sensing circuit and
two operational amplifiers. Combining the voltage ref-
erence with one operational amplifier makes AP4305
an ideal voltage controller for use in adapters and bat-
tery chargers. The other low voltage reference com-
bined with the other operational amplifier makes it an
ideal current limiter for output low side current sens-
ing.
The AP4305 is available in SOT-23-6 package.
Features
·
Constant Voltage and Constant Current Control
·
Precision Internal Voltage Reference
·
Few External Components
·
Easy Compensation
Applications
·
Adapters
·
Battery Chargers
Figure 1. Package Type of AP4305
SOT-23-6


Similar Part No. - AP4305

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
USB Lithium-Ion Battery Charge Control IC
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
logo
BCD Semiconductor Manuf...
AP4305KTR BCDSEMI-AP4305KTR Datasheet
218Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305KTR-E1 BCDSEMI-AP4305KTR-E1 Datasheet
218Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305KTR-G1 BCDSEMI-AP4305KTR-G1 Datasheet
693Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results

Similar Description - AP4305

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com