Electronic Components Datasheet Search
  English  ▼

X  

AP4310AM Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP4310AM
Description  DUAL OP AMP AND VOLTAGE REFERENCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4310AM Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP4310AM Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DUAL OP AMP AND VOLTAGE REFERENCE
AP4310
Preliminary Datasheet
3
Apr. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
AP4310
-
Package
Reference
Voltage
Voltage
Tolerance
Tempera-
ture Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
DIP-8
2.5V
± 0.4%
-40 to105oC
AP4310AP
AP4310AP-E1
AP4310AP
AP4310AP-E1
Tube
± 1%
AP4310P
AP4310P-E1
AP4310P
AP4310P-E1
SOIC-8
2.5V
± 0.4%
-40 to105oC
AP4310AM
AP4310AM-E1
4310AM
AP4310AM-E1
Tube
AP4310AMTR
AP4310AMTR-E1
4310AM
AP4310AM-E1 Tape & Reel
± 1%
-40 to105
oC AP4310M
AP4310M-E1
4310M
AP4310M-E1
Tube
AP4310MTR
AP4310MTR-E1
4310M
AP4310M-E1
Tape & Reel
Circuit Type
Voltage Tolerance
A:
± 0.4%
Blank:
± 1%
Package
P: DIP-8
M: SOIC-8
E1: Lead Free
Blank: Tin Lead
TR: Tape and Reel
Blank: Tube
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com