Electronic Components Datasheet Search
  English  ▼

X  

MAX16136 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16136
Description  High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16136 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16136 Datasheet HTML 1Page - Maxim Integrated Products MAX16136 Datasheet HTML 2Page - Maxim Integrated Products MAX16136 Datasheet HTML 3Page - Maxim Integrated Products MAX16136 Datasheet HTML 4Page - Maxim Integrated Products MAX16136 Datasheet HTML 5Page - Maxim Integrated Products MAX16136 Datasheet HTML 6Page - Maxim Integrated Products MAX16136 Datasheet HTML 7Page - Maxim Integrated Products MAX16136 Datasheet HTML 8Page - Maxim Integrated Products MAX16136 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX16136, a low voltage, ±1% accurate window-de-
tector supervisor circuit monitors a single system supply
voltage and the integrity of code execution by a micro-
processor or microcontroller. This device features an ac-
tive-low, open-drain output that asserts whenever the
monitored supply rail falls outside of the factory-trimmed
undervoltage/overvoltage window threshold. The reset
output remain asserted for the programmed reset timeout
period after the monitored supply voltage falls within the
undervoltage/overvoltage window threshold.
The MAX16136 offers factory-trimmed voltage thresholds
from 0.5V to 5V in approximately 20mV increment. A va-
riety of factory trimmed undervoltage/overvoltage thresh-
olds from ±4% to ±11% are available to accommodate dif-
ferent supply voltages and tolerances.
A window-watchdog timer circuit monitors microprocessor
or microcontroller activity. During normal operation, the
microprocessor or microcontroller must repeatedly toggle
the watchdog input (WDI) low within the fast watchdog
timeout (tWD_F) and slow watchdog timeout (tWD_S). If
the microcontroller or microprocessor does not toggle WDI
within the window-timeout period, the supervisor asserts
the watchdog output (WDO) to signal that the system is
not executing code as expected. The watchdog output
pulse can be used to reset the microprocessor or micro-
controller, or it may be used to interrupt the system to warn
of execution errors.
In addition, the MAX16136 features an overvoltage fault
output (OV) that latches low when the monitored rail ex-
ceeds the overvoltage threshold. The latched output can
be cleared by pulling CLR low.
The MAX16136 is available in a small, 2mm x 2mm, 8-pin
TDFN side-wettable package with exposed pad and oper-
ates over the automotive temperature range of -40°C to
+125°C.
Applications
● Advanced Driver-Assistance Systems (ADAS)
● Automotive
● Multivoltage ASICs
● Servers
● Storage Equipment
Benefits and Features
● ±1% Accuracy
● Enables ASIL Compliance at System Level
• FMEDA Results Available upon Request
● 0.5V to 5V Threshold Range with 20mV Increments
● ±4% to ±11% Undervoltage/Overvoltage Thresholds
● Latched Overvoltage Fault Output
● Clear Fault Input
● 5μs Overvoltage Fault Delay
● Window Watchdog Timeout
● Factory-Set Reset Timeout
● Open-Drain Reset Output
● 8-Pin TDFN Side-Wettable Package
● -40°C to +125°C Operating Temperature Range
Ordering Information appears at end of data sheet.
Typical Application Circuit
OV
IN
RST
WDO
WDI
GND
VDD
GND
RST
OUT
EN
IN
VCC
VBAT
µC
NMI
MAX16136
µC
CLR
DC-DC
1.71V TO 5.5V
0.1µF
10kΩ
CIN
COUT
I/O
Click here to ask about the production status of specific part numbers.
MAX16136
High-Precision Supervisory ICs with Window
Watchdog and Overvoltage Indicator
19-100580; Rev 1; 6/21


Similar Part No. - MAX16136

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16132 MAXIM-MAX16132 Datasheet
661Kb / 23P
Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Rev 0; 11/16
MAX16132B17N+T* MAXIM-MAX16132B17N+T* Datasheet
661Kb / 23P
Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Rev 0; 11/16
MAX16132H10B+T* MAXIM-MAX16132H10B+T* Datasheet
661Kb / 23P
Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Rev 0; 11/16
MAX16132J46B+T* MAXIM-MAX16132J46B+T* Datasheet
661Kb / 23P
Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Rev 0; 11/16
MAX16132W29A+T* MAXIM-MAX16132W29A+T* Datasheet
661Kb / 23P
Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Rev 0; 11/16
More results

Similar Description - MAX16136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
Processor Supervisory Circuits With Window-Watchdog
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
Family Processor Supervisory Circuits With Window-Watchdog
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
Precision Voltage Supervisor with Programmable Window Watchdog Timer
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com