Electronic Components Datasheet Search
  English  ▼

X  

PV3000GFCI Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PV3000GFCI
Description  3000W PowerVerter Plus Heavy-Duty Inverter with 4 GFCI Outlets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PV3000GFCI Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PV3000GFCI Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PV3000GFCI Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PV3000GFCI Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2021 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
BATTERY
DC System Voltage (VDC)
12
USER INTERFACE, ALERTS & CONTROLS
Switches
3 position rocker switch enables on/off power control, plus remote setting which enables inverter to be remotely
powered on or off when used in conjunction with included &nbsp;<a class="productLink"
href="//www.tripplite.com/Remote-Control-Module-Tripp-Lite-PowerVerter-Inverters-Inverter-
Chargers~APSRM4">APSRM4</a>&nbsp; module.
Audible Alarm
Dual function alarm indicates overload conditions or low DC input voltage of 10.5V or less.
PHYSICAL
Cooling Method
fan
Form Factors Supported
Mounting slots enable permanent placement of inverter on any horizontal surface (see manual for additional
mounting information)
Material of Construction
Aluminum, Steel
Shipping Dimensions (hwd / cm)
28.19 x 10.67 x 40.64
Shipping Dimensions (hwd / in.)
11.10 x 4.20 x 16.00
Shipping Weight (kg)
7.48
Shipping Weight (lbs.)
16.50
Unit Weight (kg)
5.53
Unit Weight (lbs.)
12.2
ENVIRONMENTAL
Relative Humidity
0-95% non-condensing
Operating Temperature
32-104 Fahrenheit / 0-40 Celcius
SPECIAL FEATURES
TVSS Grounding
Grounding lug grounds the inverter to vehicle or earth ground - user supplies cabling
WARRANTY
Product Warranty Period
(Worldwide)
1-year limited warranty
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com