Electronic Components Datasheet Search
  English  ▼

X  

MAX49140 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX49140
Description  30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX49140 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX49140 Datasheet HTML 1Page - Maxim Integrated Products MAX49140 Datasheet HTML 2Page - Maxim Integrated Products MAX49140 Datasheet HTML 3Page - Maxim Integrated Products MAX49140 Datasheet HTML 4Page - Maxim Integrated Products MAX49140 Datasheet HTML 5Page - Maxim Integrated Products MAX49140 Datasheet HTML 6Page - Maxim Integrated Products MAX49140 Datasheet HTML 7Page - Maxim Integrated Products MAX49140 Datasheet HTML 8Page - Maxim Integrated Products MAX49140 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings
VDD to GND.............................................................. -0.3V to +6V
IN+, IN- to GND ............................................ -0.3V to VDD + 0.3V
OUT to GND ................................................. -0.3V to VDD + 0.3V
Current into Input Pins....................................................... ±20mA
Input/Output Short-Circuit Duration to VDD or GND... Continuous
Continuous Power Dissipation (TA = +70°C), 5 Pin SC70 (derate
3.1mW/°C above +70°C), Multilayer Board ................... 246.9mW
Operating Temperature Range ...........................-40°C to +125°C
Junction Temperature (TJMAX).........................................+150°C
Storage Temperature Range ..............................-65°C to +150°C
Lead Temperature (soldering, 10s)...................................+300°C
Soldering Temperature (reflow) ........................................+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Package Information
5 SC70
Package Code
X5+1C
Outline Number
21-0076
Land Pattern Number
90-0188
Thermal Resistance, Single-Layer Board:
Junction-to-Ambient (θJA)
324°C/W
Junction-to-Case Thermal Resistance (θJC)
115°C/W
Thermal Resistance, Four-Layer Board:
Junction-to-Ambient (θJA)
324°C/W
Junction-to-Case Thermal Resistance (θJC)
115°C/W
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages.
Note that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different
suffix character, but the drawing pertains to the package regardless of RoHS status.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a
four-layer board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/
thermal-tutorial.
Electrical Characteristics
(VDD = 5V, VCM = 0.1V, CL = 15pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Supply Voltage
VDD
Guaranteed by PSRR specification
2.7
5.5
V
VDD Supply Current
IDD
VCM = 5V, VDD =
5V
TA = -40°C to
+85°C
100
180
μA
TA = -40°C to
+125°C
200
Common-Mode Input
Voltage
VCM
Note 2
0
VDD
V
Input Offset Voltage
VOS
Note 3
0.5
5
mV
Input Hysteresis
VHYS
Note 4
1.2
mV
MAX49140
30ns, Low-Power, 3V/5V, Rail-to-Rail Single-
Supply Comparator
www.maximintegrated.com
19-100740
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com