Electronic Components Datasheet Search
  English  ▼

X  

MAX77504 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX77504
Description  14V Input, 3A High-Efficiency Buck Converter in WLP or QFN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77504 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX77504 Datasheet HTML 17Page - Maxim Integrated Products MAX77504 Datasheet HTML 18Page - Maxim Integrated Products MAX77504 Datasheet HTML 19Page - Maxim Integrated Products MAX77504 Datasheet HTML 20Page - Maxim Integrated Products MAX77504 Datasheet HTML 21Page - Maxim Integrated Products MAX77504 Datasheet HTML 22Page - Maxim Integrated Products MAX77504 Datasheet HTML 23Page - Maxim Integrated Products MAX77504 Datasheet HTML 24Page - Maxim Integrated Products MAX77504 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
SKIP MODE
SKIP MODE
INTERNAL CLOCK
FPWM MODE
FPWM MODE
INTERNAL CLOCK
FPWM/SYNC DEBOUNCED 0
(FPWM/SYNC = 0 FOR tDB-SKIP)
16 CONSECUTIVE
FPWM/SYNC VALID RISING
EDGES
FPWM MODE
FPWM MODE
EXTERNAL CLOCK
FPWM/SYNC = 0
FPWM/SYNC RISING EDGE
INSIDE VALID RANGE
ONE INVALID FPWM/SYNC
RISING EDGE
FPWM/SYNC RISING EDGE
FPWM/SYNC = 1
Figure 2. External Clock Synchronization Behavioral State Machine
Applications using the external synchronization function must consider minimum on-time restrictions when providing the
external clock. The Switching Frequency Selection section details these restrictions. Minimum on-time restrictions are
valid regardless of whether the switching frequency is controlled with an internal or external clock.
Buck Enable Control (EN)
Raise the EN pin voltage above VEN_HI (or tie to SUP) to enable the buck output. Lower EN to PGND to disable.
VL Regulator
An integrated 1.8V linear regulator (VL) provides power to low-voltage internal circuit blocks and switching FET gate
drivers.
SUP powers VL when VOUT is set less than the switch-over threshold (VSWO, 1.7V typical). If VOUT > VSWO, then the VL
regulator power input switches from SUP to OUT after the buck soft-start ramp finishes and POK = 1. Switching VL's input
to OUT utilizes the buck's high-efficiency to power the linear regulator (as opposed to SUP) and improves the device's
total power efficiency.
Do not load VL externally. The VL regulator activates whenever EN is high. Connect a 2.2μF ceramic capacitor from VL
to ground on the PCB.
Soft-Start
The device has an internal soft-start timer (tSS) that controls the ramp time of the output as the converter is starting.
Soft-start limits inrush current during buck startup. The converter soft-starts every time the buck enables, exits a UVLO
condition, and/or retries from an overcurrent (hiccup) or overtemperature condition. 1ms ramp time is available and only
programmable at the factory.
Power-OK (POK) Output
The device features an active-high, open-drain POK output to monitor the output voltage. POK requires an external pullup
resistor (typically 10kΩ to 100kΩ). POK goes high (high-impedance) after the buck converter output increases above
92% (VPOK_RISE) of the target regulation voltage and the soft-start ramp is done. POK goes low when the output drops
below 90% (VPOK_FALL) of target or when the buck is disabled.
MAX77504
14V Input, 3A High-Efficiency
Buck Converter in WLP or QFN
www.maximintegrated.com
Maxim Integrated | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com