Electronic Components Datasheet Search
  English  ▼

X  

1751390 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751390
Description  PCB terminal block - MKKDS 1/ 2-3,5
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751390 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751390 Datasheet HTML 1Page - PHOENIX CONTACT 1751390 Datasheet HTML 2Page - PHOENIX CONTACT 1751390 Datasheet HTML 3Page - PHOENIX CONTACT 1751390 Datasheet HTML 4Page - PHOENIX CONTACT 1751390 Datasheet HTML 5Page - PHOENIX CONTACT 1751390 Datasheet HTML 6Page - PHOENIX CONTACT 1751390 Datasheet HTML 7Page - PHOENIX CONTACT 1751390 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1751390
09/12/2020   Page 1 / 8
PCB terminal block - MKKDS 1/ 2-3,5 - 1751390
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB terminal block, nominal current: 8 A, rated voltage (III/2): 200 V, nominal cross section: 1 mm², pitch:
3.5 mm, number of positions: 2, connection method: Screw connection with tension sleeve, mounting: Wave
soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5
mm
The figure shows a 10-pos. version
with 20 contacts
Your advantages
 Well-known connection principle allows worldwide use
 Low temperature rise, thanks to maximum contact force
 Allows connection of two conductors
 Extremely small design for the respective conductor cross section
 Conductor connection on several levels enables higher contact density
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918115920
Technical data
Item properties
Brief article description
PCB terminal block
Range of articles
MKKDS 1
Pitch
3.5 mm
Number of positions
2
Connection method
Screw connection with tension sleeve
Drive form screw head
Slotted (L)
Screw thread
M2
Mounting type
Wave soldering
Pin layout
Linear pinning
Number of levels
2


Similar Part No. - 1751390

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1751390000 WEIDMULLER-1751390000 Datasheet
87Kb / 4P
BLIDCB 3.5/2 SN SW
1751390000 WEIDMULLER-1751390000 Datasheet
87Kb / 4P
BLIDCB 3.5/3 SN OR
1751390000 WEIDMULLER-1751390000 Datasheet
87Kb / 4P
BLIDCB 3.5/3 SN SW
1751390000 WEIDMULLER-1751390000 Datasheet
87Kb / 4P
BLIDCB 3.5/6 SN OR
1751390000 WEIDMULLER-1751390000 Datasheet
87Kb / 4P
BLIDCB 3.5/8 SN OR
More results

Similar Description - 1751390

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751426 PHOENIX-1751426 Datasheet
87Kb / 6P
PCB terminal block - MKKDS 1/ 5-3,5
1751468 PHOENIX-1751468 Datasheet
134Kb / 6P
PCB terminal block - MKKDS 1/ 9-3,5
1751471 PHOENIX-1751471 Datasheet
86Kb / 6P
PCB terminal block - MKKDS 1/10-3,5
1751484 PHOENIX-1751484 Datasheet
79Kb / 5P
PCB terminal block - MKKDS 1/11-3,5
1751497 PHOENIX-1751497 Datasheet
130Kb / 6P
PCB terminal block - MKKDS 1/12-3,5
1751507 PHOENIX-1751507 Datasheet
79Kb / 5P
PCB terminal block - MKKDS 1/13-3,5
1751523 PHOENIX-1751523 Datasheet
129Kb / 6P
PCB terminal block - MKKDS 1/15-3,5
1751536 PHOENIX-1751536 Datasheet
129Kb / 6P
PCB terminal block - MKKDS 1/16-3,5
1751413 PHOENIX-1751413 Datasheet
127Kb / 8P
PCB terminal block - MKKDS 1/ 4-3,5
09/11/2020
1751400 PHOENIX-1751400 Datasheet
471Kb / 12P
PCB terminal block - MKKDS 1/ 3-3,5
Dec 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com