Electronic Components Datasheet Search
  English  ▼

X  

1751413 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1751413
Description  PCB terminal block - MKKDS 1/ 4-3,5
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751413 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  1751413 Datasheet HTML 1Page - PHOENIX CONTACT 1751413 Datasheet HTML 2Page - PHOENIX CONTACT 1751413 Datasheet HTML 3Page - PHOENIX CONTACT 1751413 Datasheet HTML 4Page - PHOENIX CONTACT 1751413 Datasheet HTML 5Page - PHOENIX CONTACT 1751413 Datasheet HTML 6Page - PHOENIX CONTACT 1751413 Datasheet HTML 7Page - PHOENIX CONTACT 1751413 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1751413
09/11/2020   Page 7 / 8
PCB terminal block - MKKDS 1/ 4-3,5 - 1751413
Approvals
EAC 
 
 B.01687
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E60425-19770427
 
B
D
Nominal voltage UN
300 V
300 V
Nominal current IN
10 A
10 A
mm²/AWG/kcmil
30-16
30-16
Accessories
Accessories
Labeled terminal marker
Marker card - SK 3,5/2,8:FORTL.ZAHLEN - 0804073
Marker card, Card, white, labeled, horizontal: consecutive numbers 1 ... 10, 11 ... 20, etc. up to 91 ... 99, mounting
type: adhesive, for terminal block width: 3.5 mm, lettering field size: 3.5 x 2.8 mm
 
 
Marker pen
Marker pen - B-STIFT - 1051993
Marker pen, for manual labeling of unprinted Zack strips, smear-proof and waterproof, line thickness 0.5 mm
 
 
Screwdriver tools
Screwdriver - SZS 0,4X2,5 VDE - 1205037
Screwdriver, slot-headed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip
 
 
Terminal marking



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com