Electronic Components Datasheet Search
  English  ▼

X  

1751684 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751684
Description  Printed-circuit board connector - FKCT 2,5/ 8-ST GY7035
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751684 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751684 Datasheet HTML 1Page - PHOENIX CONTACT 1751684 Datasheet HTML 2Page - PHOENIX CONTACT 1751684 Datasheet HTML 3Page - PHOENIX CONTACT 1751684 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1751684
12/02/2018   Page 1 / 4
Printed-circuit board connector - FKCT 2,5/ 8-ST GY7035 - 1751684
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 12 A, number of positions: 8, pitch: 5 mm, connection method: Push-in
spring connection, color: light gray, contact surface: Tin
The figure shows a 10-position
version of the product
Your advantages
 Time saving push-in connection, tools not required
 Intuitive use through colour coded actuation lever
 Quick and convenient testing using integrated test option
 Can be combined with the MSTB 2´,5 range
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356317597
Technical data
Dimensions
Length [ l ]
25.6 mm
Width [ w ]
40.1 mm
Height [ h ]
15 mm
Pitch
5 mm
Dimension a
35 mm
General
Range of articles
FKCT 2,5/..-ST
Number of positions
8
Connection method
Push-in spring connection
Rated voltage (III/3)
320 V
Connection in acc. with standard
EN-VDE


Similar Part No. - 1751684

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751600 PHOENIX-1751600 Datasheet
226Kb / 7P
Printed-circuit board connector - MSTBVA 2,5/ 6-G GY7035
1751604 PHOENIX-1751604 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08-14
logo
List of Unclassifed Man...
1751610B1 ETC2-1751610B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN POWER SUPPLY CORD
logo
PHOENIX CONTACT
1751620 PHOENIX-1751620 Datasheet
300Kb / 10P
FFKDSA1/V1-5,08-18 - PCB terminal block
1751626 PHOENIX-1751626 Datasheet
184Kb / 8P
Printed-circuit board connector - MSTBVA 2,5/ 8-G GY7035
More results

Similar Description - 1751684

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751642 PHOENIX-1751642 Datasheet
61Kb / 4P
Printed-circuit board connector - FKCT 2,5/ 2-ST GY7035
1700342 PHOENIX-1700342 Datasheet
51Kb / 4P
Printed-circuit board connector - FKCT 2,5/ 4-ST BU
1700443 PHOENIX-1700443 Datasheet
61Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 6-ST GY7035
1700445 PHOENIX-1700445 Datasheet
61Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 8-ST GY7035
1751655 PHOENIX-1751655 Datasheet
59Kb / 4P
Printed-circuit board connector - FKCT 2,5/ 5-ST GY7035
1751668 PHOENIX-1751668 Datasheet
59Kb / 4P
Printed-circuit board connector - FKCT 2,5/ 6-ST GY7035
1751671 PHOENIX-1751671 Datasheet
59Kb / 4P
Printed-circuit board connector - FKCT 2,5/ 7-ST GY7035
1965830 PHOENIX-1965830 Datasheet
59Kb / 5P
Printed-circuit board connector - FKCT 2,5/ 4-ST BK
1737255 PHOENIX-1737255 Datasheet
78Kb / 4P
Printed-circuit board connector - FKCT 2,5 HC/ 8-ST-5,08
09/11/2020
1909281 PHOENIX-1909281 Datasheet
456Kb / 20P
Printed-circuit board connector - FKCT 2,5/ 9-ST
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com