Electronic Components Datasheet Search
  English  ▼

X  

1751891 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751891
Description  Printed-circuit board connector - MSTB 2,5/11-ST-5,08 BD:N-NQ
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751891 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751891 Datasheet HTML 1Page - PHOENIX CONTACT 1751891 Datasheet HTML 2Page - PHOENIX CONTACT 1751891 Datasheet HTML 3Page - PHOENIX CONTACT 1751891 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1751891
11/04/2018   Page 1 / 4
Printed-circuit board connector - MSTB 2,5/11-ST-5,08 BD:N-N
Q - 1751891
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 12 A, number of positions: 11, pitch: 5.08 mm, connection method: Screw
connection with tension sleeve, color: green, contact surface: Tin
The figure shows a 10-position
version of the product
Your advantages
 Well-known connection principle allows worldwide use
 Low temperature rise, thanks to maximum contact force
 Allows connection of two conductors
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356316637
Technical data
Dimensions
Length [ l ]
18.3 mm
Width [ w ]
55.88 mm
Height [ h ]
15 mm
Pitch
5.08 mm
Dimension a
50.8 mm
General
Range of articles
MSTB 2,5/..-ST
Number of positions
11
Connection method
Screw connection with tension sleeve
Rated voltage (III/3)
250 V


Similar Part No. - 1751891

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
175180-2 TEC-175180-2 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
logo
List of Unclassifed Man...
1751810B1 ETC2-1751810B1 Datasheet
386Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
More results

Similar Description - 1751891

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757161 PHOENIX-1757161 Datasheet
123Kb / 9P
Printed-circuit board connector - MSTB 2,5/17-ST-5,08
1757187 PHOENIX-1757187 Datasheet
123Kb / 9P
Printed-circuit board connector - MSTB 2,5/19-ST-5,08
1757200 PHOENIX-1757200 Datasheet
117Kb / 9P
Printed-circuit board connector - MSTB 2,5/21-ST-5,08
1778072 PHOENIX-1778072 Datasheet
118Kb / 9P
Printed-circuit board connector - MSTB 2,5/11-STF-5,08
1752959 PHOENIX-1752959 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/11-ST-5,08 AU
1756434 PHOENIX-1756434 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/11-ST BK
1757213 PHOENIX-1757213 Datasheet
117Kb / 9P
Printed-circuit board connector - MSTB 2,5/22-ST-5,08
1779505 PHOENIX-1779505 Datasheet
121Kb / 10P
Printed-circuit board connector - FRONT-MSTB 2,5/11-ST
1837890 PHOENIX-1837890 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/11-ST-5,08 BK (VEB)
1839076 PHOENIX-1839076 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/10-ST-5,08 BD:11-20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com