Electronic Components Datasheet Search
  English  ▼

X  

128-MCKIT Datasheet(PDF) 1 Page - STMicroelectronics

Part # 128-MCKIT
Description  STM8/128-MCKIT motor control starter kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

128-MCKIT Datasheet(HTML) 1 Page - STMicroelectronics

  128-MCKIT Datasheet HTML 1Page - STMicroelectronics 128-MCKIT Datasheet HTML 2Page - STMicroelectronics 128-MCKIT Datasheet HTML 3Page - STMicroelectronics 128-MCKIT Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
October 2010
Doc ID 18102 Rev 1
1/4
4
STM8/128-MCKIT
STM8/128-MCKIT motor control starter kit
Features
■ Motor drive based on scalar control (BLDC or
ACIM) for three-phase motors
■ Position and/or speed measurement is
implemented using Hall sensors or a
tachometer.
■ Sensorless control
■ The inverter is driven using the PWM
modulation technique.
■ Acts as a plug-and play demo, out of the box,
with the provided BLDC motor, in sensorless
speed control mode
■ Operates with an AC induction motor, after
reprogramming the microcontroller, in open
loop or in speed control mode
Description
The STM8/128-MCKIT starter kit is an integrated
system designed to provide a complete, ready-to-
use motor control application developed around
the STMicroelectronics STM8 microcontroller.
This starter kit is particularly suited to drive 3-
phase brushless motors (either AC induction or
permanent magnet types) and demonstrates how
effectively the STM8 microcontrollers can be used
in real-world motor control applications.
However, the main advantage of the STM8/128-
MCKIT is that you can use it to create your own
applications and re-program the STM8
microcontroller. You can develop your own
applications using the dedicated software libraries
provided in the starter kit in conjunction with a
third-party IDE and C compiler.
www.st.com


Similar Part No. - 128-MCKIT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
128-11102103XXXX VISHAY-128-11102103XXXX Datasheet
347Kb / 4P
1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
logo
Jet Tec
128-1137 JETTEC-128-1137 Datasheet
31Kb / 1P
Compatible Ink Cartridges
128-1138 JETTEC-128-1138 Datasheet
31Kb / 1P
Compatible Ink Cartridges
128-1139 JETTEC-128-1139 Datasheet
31Kb / 1P
Compatible Ink Cartridges
128-1140 JETTEC-128-1140 Datasheet
31Kb / 1P
Compatible Ink Cartridges
More results

Similar Description - 128-MCKIT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSTK94 ATMEL-ATSTK94 Datasheet
633Kb / 24P
Starter Kit
logo
STMicroelectronics
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
Motor control starter kit
17-Sep-2010
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
Motor control starter kit
01-Sep-2011
ST7MC-KIT STMICROELECTRONICS-ST7MC-KIT Datasheet
161Kb / 5P
Softec?셲 complete motor control starter kit for ST7MC
17-Nov-2011
STM8-EVAL STMICROELECTRONICS-STM8-EVAL Datasheet
138Kb / 3P
STM8/128-EVAL evaluation board
09-Aug-2010
STM8-MCKIT STMICROELECTRONICS-STM8-MCKIT Datasheet
54Kb / 4P
STM8/128-MCKIT motor control starter kit
27-Oct-2010
UM1452 STMICROELECTRONICS-UM1452 Datasheet
133Kb / 12P
STM32100B-MCKIT motor control starter kit
16-Sep-2011
logo
EnOcean GmbH.
EISKA ENOCEAN-EISKA Datasheet
129Kb / 1P
Starter Kit
February 2022
logo
Schneider Electric
8538SDA24S8V02S SCHNEIDER-8538SDA24S8V02S Datasheet
63Kb / 1P
STARTER MOTOR CONTROL <1000VAC
Sep 14, 2023
8539SEG42V02H30S SCHNEIDER-8539SEG42V02H30S Datasheet
69Kb / 3P
STARTER MOTOR CONTROL <1000VAC
Dec 26, 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com