Electronic Components Datasheet Search
  English  ▼

X  

MIC20XX Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC20XX
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC20XX Datasheet(HTML) 4 Page - Microchip Technology

  MIC20XX Datasheet HTML 1Page - Microchip Technology MIC20XX Datasheet HTML 2Page - Microchip Technology MIC20XX Datasheet HTML 3Page - Microchip Technology MIC20XX Datasheet HTML 4Page - Microchip Technology MIC20XX Datasheet HTML 5Page - Microchip Technology MIC20XX Datasheet HTML 6Page - Microchip Technology MIC20XX Datasheet HTML 7Page - Microchip Technology MIC20XX Datasheet HTML 8Page - Microchip Technology MIC20XX Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MIC20XX
DS20006486C-page 4
2021 - 2022 Microchip Technology Inc. and its subsidiaries
Typical Application Circuit
Functional Block Diagram
VIN
VOUT
MIC2005A
VBUS
USB
Port
GND
EN
FAULT/
5V Supply
VIN
Logic
Controller
ON/OFF
OVERCURRENT/
1μF
120μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com