Electronic Components Datasheet Search
  English  ▼

X  

MIC2182YSM Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC2182YSM
Description  High-Efficiency Synchronous Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2182YSM Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC2182YSM Datasheet HTML 9Page - Microchip Technology MIC2182YSM Datasheet HTML 10Page - Microchip Technology MIC2182YSM Datasheet HTML 11Page - Microchip Technology MIC2182YSM Datasheet HTML 12Page - Microchip Technology MIC2182YSM Datasheet HTML 13Page - Microchip Technology MIC2182YSM Datasheet HTML 14Page - Microchip Technology MIC2182YSM Datasheet HTML 15Page - Microchip Technology MIC2182YSM Datasheet HTML 16Page - Microchip Technology MIC2182YSM Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006644A-page 13
MIC2182
4.0
FUNCTIONAL DESCRIPTION
The MIC2182 is a BiCMOS, switched-mode,
synchronous step-down (buck) converter controller.
Current-mode control is used to achieve superior
transient line and load regulation. An internal corrective
ramp provides slope compensation for stable operation
above 50% duty cycle. The controller is optimized for
high-efficiency, high-performance DC-DC converter
applications.
The MIC2182 block diagrams are shown in the Block
Diagrams section.
The MIC2182 controller is divided into six functions.
• Control Loop
- PWM Operation
- Skip-Mode Operation
• Current Limit
• Reference, Enable, and UVLO
• MOSFET Gate Drive
• Oscillator and Sync
• Soft Start
4.1
Control Loop
4.1.1
PWM AND SKIP MODES OF
OPERATION
The MIC2182 operates in PWM (pulse-width
modulation) mode at heavier output load conditions. At
lighter load conditions, the controller can be configured
to automatically switch to a pulse-skipping mode to
improve efficiency. The potential disadvantage of skip
mode is the variable switching frequency that
accompanies this mode of operation. The occurrence
of switching pulses depends on component values as
well as line and load conditions. There is an external
sync function that is disabled in skip mode. In PWM
mode, the synchronous buck converter forces
continuous current to flow in the inductor. In skip mode,
current through the inductor can settle to zero, causing
voltage ringing across the inductor. Pulling the PWM
pin (Pin 2) low will force the controller to operate in
PWM mode for all load conditions, which will improve
cross regulation of transformer-coupled, multiple
output configurations.
4.1.2
PWM CONTROL LOOP
The MIC2182 uses current-mode control to regulate
the output voltage. This method senses the output
voltage (outer loop) and the inductor current (inner
loop). It uses inductor current and output voltage to
determine the duty cycle of the buck converter.
Sampling the inductor current removes the inductor
from the control loop, which simplifies compensation.
FIGURE 4-1:
PWM Operation.
Current
Sense
Amp
Error
Amp
VIN
VDD
CORRECTIVE
RAMP
PWM
COMPARATOR
RESET
Reference
Oscillator
11
14
10
16
15
13
12
8
9
7
3
COMP
100k
MIC2182 [adj.] PWM Mode
FB
R2
R1
VOUT
CSH
VDD
VBST
CIN
VIN
HSD
Q2
Q1
D1
D2
CBST
COUT
VIN
VOUT
L1
VSW
LSD
PGND
CCOMP
RCOMP
4.7F
V
1.245V
R1
R2
OUT =+
1
S
R
Q
CONTROL LOGIC AND
PULSE-WIDTH MODULATOR
RCS
gm = 0.2mS
AV = 2
0.024V
PWM Mode
to Skip
Mode
LOW
FORCES
SKIP MODE
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com