Electronic Components Datasheet Search
  English  ▼

X  

MIC2941A Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC2941A
Description  1.25A Low Dropout Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2941A Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC2941A Datasheet HTML 4Page - Microchip Technology MIC2941A Datasheet HTML 5Page - Microchip Technology MIC2941A Datasheet HTML 6Page - Microchip Technology MIC2941A Datasheet HTML 7Page - Microchip Technology MIC2941A Datasheet HTML 8Page - Microchip Technology MIC2941A Datasheet HTML 9Page - Microchip Technology MIC2941A Datasheet HTML 10Page - Microchip Technology MIC2941A Datasheet HTML 11Page - Microchip Technology MIC2941A Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MIC2940A/41A
DS20006000B-page 8
2018 - 2022 Microchip Technology Inc. and its subsidiaries
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Dropout Voltage vs. Output
Current.
FIGURE 2-2:
Dropout Voltage vs.
Temperature.
FIGURE 2-3:
Dropout Characteristics.
FIGURE 2-4:
Ground Current vs. Output
Current.
FIGURE 2-5:
Ground Current vs. Supply
Voltage.
FIGURE 2-6:
Ground Current vs. Supply
Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
100
200
300
400
500
0.00 0.25 0.50 0.75 1.00 1.25
OUTPUT CURRENT (A)
0
200
400
600
800
1000
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
I
LOAD =1.25A
0
1
2
3
4
5
6
01234
56
INPUT VOLTAGE (V)
I
LOAD =5mA
I
LOAD = 1.25A
0.1
1
10
40
11
0
100
1000
10000
OUTPUT CURRENT (mA)
10A
0
100
200
300
400
0
12
3
45
67
8
SUPPLY VOLTAGE (V)
FIXED 5V
I
LOAD =5mA
0
10
20
30
40
50
02468
10
INPUT VOLTAGE (V)
FIXED 3.3V DEVICE
I
LOAD =1.25A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com