Electronic Components Datasheet Search
  English  ▼

X  

STM8L051F3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM8L051F3
Description  8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 4Page - STMicroelectronics STM8L051F3 Datasheet HTML 5Page - STMicroelectronics STM8L051F3 Datasheet HTML 6Page - STMicroelectronics STM8L051F3 Datasheet HTML 7Page - STMicroelectronics STM8L051F3 Datasheet HTML 8Page - STMicroelectronics STM8L051F3 Datasheet HTML 9Page - STMicroelectronics STM8L051F3 Datasheet HTML 10Page - STMicroelectronics STM8L051F3 Datasheet HTML 11Page - STMicroelectronics STM8L051F3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
Introduction
STM8L051F3
8/96
DS9178 Rev 4
1
Introduction
This document describes the features, pinout, mechanical data and ordering information for
the low density STM8L051F3 microcontroller with 8-Kbyte Flash memory density.
For further details on the whole STMicroelectronics low density family please refer to
Section 2.2: Ultra-low-power continuum.
For detailed information on device operation and registers, refer to the STM8L050J3,
STM8L051F3, STM8L052C6, STM8L052R8 MCUs and STM8L151/L152, STM8L162,
STM8AL31, STM8AL3L lines reference manual (RM0031).
For information on to the Flash program memory and data EEPROM, refer to the How to
program STM8L and STM8AL Flash program memory and data EEPROM programming
manual (PM0054).
For information on the debug module and SWIM (single wire interface module), refer to the
STM8 SWIM communication protocol and debug module user manual (UM0470).
For information on the STM8 core, refer to the STM8 CPU programming manual (PM0044).
The low density value line devices, including STM8L051F3, provide the following benefits:
•
Integrated system
–
8 Kbytes of low-density embedded Flash program memory
–
256 bytes of data EEPROM
–
1 Kbyte of RAM
–
Internal high-speed and low-power low speed RC
–
Embedded reset
•
Ultra-low-power consumption
–
1 µA in Active-halt mode
–
Clock gated system and optimized power management
–
Capability to execute from RAM for Low-power wait mode and Low-power run
mode
•
Advanced features
–
Up to 16 MIPS at 16 MHz CPU clock frequency
–
Direct memory access (DMA) for memory-to-memory or peripheral-to-memory
access
•
Short development cycles
–
Application scalability across a common family product architecture with
compatible pinout, memory map and modular peripherals
–
Wide choice of development tools
These features make STM8L051F3 suitable for a wide range of consumer and mass market
applications.
Refer to Table 1: STM8L051F3 features and peripheral counts and Section 3: Functional
overview for an overview of the complete range of peripherals proposed in this family.
Figure 1 shows the block diagram of the low density STM8L051F3 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com