Electronic Components Datasheet Search
  English  ▼

X  

STPM10 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 5 Page - STMicroelectronics

  STPM10_V01 Datasheet HTML 1Page - STMicroelectronics STPM10_V01 Datasheet HTML 2Page - STMicroelectronics STPM10_V01 Datasheet HTML 3Page - STMicroelectronics STPM10_V01 Datasheet HTML 4Page - STMicroelectronics STPM10_V01 Datasheet HTML 5Page - STMicroelectronics STPM10_V01 Datasheet HTML 6Page - STMicroelectronics STPM10_V01 Datasheet HTML 7Page - STMicroelectronics STPM10_V01 Datasheet HTML 8Page - STMicroelectronics STPM10_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
STPM10
List of figures
DocID17728 Rev 5
5/47
List of figures
Figure 1: Block diagram ..............................................................................................................................6
Figure 2: Pin connections (top view)...........................................................................................................7
Figure 3: Supply current vs. supply voltage, TA = 25 °C (f = 4.194 MHz, 8.192 MHz) ...........................14
Figure 4: RC oscillator frequency vs. VCC, R = 12 kΩ, TA = 25 °C ........................................................14
Figure 5: RC oscillator: frequency jitter vs. temperature ..........................................................................14
Figure 6: Analog voltage regulator: line - load regulation .........................................................................14
Figure 7: Digital voltage regulator: line - load regulation ..........................................................................15
Figure 8: Voltage channel linearity at different VCC voltages ..................................................................15
Figure 9: Power supply AC rejection vs. VCC ..........................................................................................15
Figure 10: Power supply DC rejection vs. VCC ........................................................................................15
Figure 11: Error over dynamic range gain dependence ...........................................................................16
Figure 12: Primary current channel linearity at different VCC ..................................................................16
Figure 13: Gain response of ΔΣ A/D converters.......................................................................................16
Figure 14: First-
order ΣΔ A/D converter ...................................................................................................19
Figure 15: ZCR signal ...............................................................................................................................19
Figure 16: LIN and BFR signals................................................................................................................20
Figure 17: Band-gap temperature variation ..............................................................................................21
Figure 18: Timings of tamper module - primary channel selected ...........................................................23
Figure 19: Timings of tamper module - secondary channel selected .......................................................23
Figure 20: Different oscillator circuits with (a) quartz, (b) internal oscillator, (c) external source .............24
Figure 21: STPM10 data record map .......................................................................................................28
Figure 22: Timing to provide remote reset request...................................................................................32
Figure 23: Data record reconstruction ......................................................................................................33
Figure 24: Timing for data record reading ................................................................................................34
Figure 25: Timing for writing configuration and mode bits ........................................................................35
Figure 26: Active energy computation diagram ........................................................................................37
Figure 27: STPM10 reference schematic with one current transformer and one shunt ...........................43
Figure 28: TSSOP20 package outline ......................................................................................................44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com