Electronic Components Datasheet Search
  English  ▼

X  

STPS3150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3150
Description  150 V, 3 A power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3150_V01 Datasheet HTML 1Page - STMicroelectronics STPS3150_V01 Datasheet HTML 2Page - STMicroelectronics STPS3150_V01 Datasheet HTML 3Page - STMicroelectronics STPS3150_V01 Datasheet HTML 4Page - STMicroelectronics STPS3150_V01 Datasheet HTML 5Page - STMicroelectronics STPS3150_V01 Datasheet HTML 6Page - STMicroelectronics STPS3150_V01 Datasheet HTML 7Page - STMicroelectronics STPS3150_V01 Datasheet HTML 8Page - STMicroelectronics STPS3150_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
•
Negligible switching losses
•
Low forward voltage drop for higher efficiency and extended battery life
•
Surface mount miniature package
•
Low thermal resistance
•
ECOPACK2 component
Applications
•
LED Lighting
•
Battery charger
•
DC / DC converter
•
Notebook adapter
•
Switching diode
Description
150 V power Schottky rectifier are suited for switch mode power supplies on up to 24
V rails and high frequency converters.
Packaged in axial, SMB, SMA Flat Notch and SMB Flat, the STPS3150 is ideal for
use in consumer and computer applications like TV, STB, PC and DVD where low
drop forward voltage is required to reduce power dissipation.
Product status
STPS3150
Product summary
Symbol
Value
IF(AV)
3 A
VRRM
150 V
T j(max.)
175 °C
VF(typ.)
0.63 V
150 V, 3 A power Schottky rectifier
STPS3150
Datasheet
DS3283 - Rev 7 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS3150_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3150-Y STMICROELECTRONICS-STPS3150-Y Datasheet
86Kb / 8P
Automotive power Schottky rectifier
03-Nov-2011
STPS3150-Y STMICROELECTRONICS-STPS3150-Y_V01 Datasheet
188Kb / 9P
Automotive 150 V, 3 A power Schottky rectifier
16-Jan-2020
STPS3150/U STMICROELECTRONICS-STPS3150/U Datasheet
60Kb / 5P
POWER SCHOTTKY RECTIFIER
Apr-2003
STPS3150RL STMICROELECTRONICS-STPS3150RL Datasheet
60Kb / 5P
POWER SCHOTTKY RECTIFIER
Apr-2003
STPS3150RL STMICROELECTRONICS-STPS3150RL Datasheet
60Kb / 5P
POWER SCHOTTKY RECTIFIER
Apr-2003
More results

Similar Description - STPS3150_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDS301 VISHAY-VSKDS301 Datasheet
115Kb / 6P
Schottky Rectifier, 150 A
24-Apr-08
VSKDS303 VISHAY-VSKDS303 Datasheet
156Kb / 6P
Schottky Rectifier, 150 A
24-Apr-08
logo
STMicroelectronics
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
STPS3170 STMICROELECTRONICS-STPS3170_V01 Datasheet
383Kb / 13P
170 V, 3 A power Schottky rectifier
October 2019
logo
Vishay Siliconix
VSKDS301 VISHAY-VSKDS301_V01 Datasheet
132Kb / 7P
Schottky Rectifier, 150 A
24-Apr-08
logo
STMicroelectronics
STPS40150C STMICROELECTRONICS-STPS40150C Datasheet
519Kb / 15P
150 V power Schottky rectifier
June 2018 Rev 2
STPS61150C STMICROELECTRONICS-STPS61150C Datasheet
404Kb / 10P
150 V power Schottky rectifier
June 2018 Rev 2
STPS80150C STMICROELECTRONICS-STPS80150C Datasheet
202Kb / 10P
150 V power Schottky rectifier
07-Jun-2018
STPST3H100 STMICROELECTRONICS-STPST3H100 Datasheet
384Kb / 12P
100 V - 3 A power Schottky trench rectifier
02-Jan-2023
logo
Nexperia B.V. All right...
PMEG150G30ELP-Q NEXPERIA-PMEG150G30ELP-Q Datasheet
253Kb / 14P
150 V, 3 A Silicon Germanium (SiGe) rectifier
14 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com