Electronic Components Datasheet Search
  English  ▼

X  

STPSC10H065DLF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC10H065DLF
Description  650 V, 10 A power Schottky silicon carbide diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H065DLF Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC10H065DLF Datasheet HTML 1Page - STMicroelectronics STPSC10H065DLF Datasheet HTML 2Page - STMicroelectronics STPSC10H065DLF Datasheet HTML 3Page - STMicroelectronics STPSC10H065DLF Datasheet HTML 4Page - STMicroelectronics STPSC10H065DLF Datasheet HTML 5Page - STMicroelectronics STPSC10H065DLF Datasheet HTML 6Page - STMicroelectronics STPSC10H065DLF Datasheet HTML 7Page - STMicroelectronics STPSC10H065DLF Datasheet HTML 8Page - STMicroelectronics STPSC10H065DLF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
•
Less than 1 mm height package
•
High creepage package
•
No or negligible reverse recovery
•
Temperature independent switching behavior
•
High forward surge capability
•
Very low drop forward voltage
•
Power efficient product
•
ECOPACK2 compliant component
Applications
•
Boost PFC
•
Bootstrap diode
•
LLC clamping function
•
High frequency inverter applications
Description
This 10 A, 650 V, SiC diode is an ultra-high performance power Schottky diode. It is
manufactured using a silicon carbide substrate. The wide band gap material allows
the design of a Schottky diode structure with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and ringing patterns are negligible. The
minimal capacitive turn-off behavior is independent of temperature.
Qualified in low profile package, the STPSC10H065DLF in PowerFLAT 8x8 HV,
enables low drop forward voltage associated to high surge capabilities in low space
environment such as telecom and network, industrial or renewable energy domains.
Product status link
STPSC10H065DLF
Product summary
Symbol
Value
IF(AV)
10 A
VRRM
650 V
VF(typ.)
1.38 V
T j(max.)
175 °C
Product label
650 V, 10 A power Schottky silicon carbide diode
STPSC10H065DLF
Datasheet
DS13179 - Rev 2 - March 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC10H065DLF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
122Kb / 9P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
401Kb / 17P
650 V, 10 A high surge silicon carbide power Schottky diode
09-Jan-2020
STPSC10H065DI STMICROELECTRONICS-STPSC10H065DI Datasheet
401Kb / 17P
650 V, 10 A high surge silicon carbide power Schottky diode
09-Jan-2020
STPSC10H065DY STMICROELECTRONICS-STPSC10H065DY Datasheet
560Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
06-Feb-2017
More results

Similar Description - STPSC10H065DLF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP1065A ONSEMI-FFSP1065A Datasheet
301Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
January, 2020 ??Rev. 2
FFSM1065A ONSEMI-FFSM1065A Datasheet
467Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
December, 2019 ??Rev. 3
FFSP1065B-F085 ONSEMI-FFSP1065B-F085 Datasheet
279Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 3
FFSP1065B ONSEMI-FFSP1065B Datasheet
278Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 0
logo
STMicroelectronics
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
STPSC20065C STMICROELECTRONICS-STPSC20065C Datasheet
227Kb / 10P
650 V, dual 10 A, power Schottky silicon carbide diode
26-Apr-2019
logo
ON Semiconductor
FFSB1065B-F085 ONSEMI-FFSB1065B-F085_V01 Datasheet
331Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 3
FFSD1065B-F085 ONSEMI-FFSD1065B-F085_V01 Datasheet
396Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 5
FFSB1065A ONSEMI-FFSB1065A_V01 Datasheet
299Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
November, 2021 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com