Electronic Components Datasheet Search
  English  ▼

X  

STPSC8H065DLF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPSC8H065DLF
Description  650 V power Schottky silicon carbide diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC8H065DLF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPSC8H065DLF Datasheet HTML 2Page - STMicroelectronics STPSC8H065DLF Datasheet HTML 3Page - STMicroelectronics STPSC8H065DLF Datasheet HTML 4Page - STMicroelectronics STPSC8H065DLF Datasheet HTML 5Page - STMicroelectronics STPSC8H065DLF Datasheet HTML 6Page - STMicroelectronics STPSC8H065DLF Datasheet HTML 7Page - STMicroelectronics STPSC8H065DLF Datasheet HTML 8Page - STMicroelectronics STPSC8H065DLF Datasheet HTML 9Page - STMicroelectronics STPSC8H065DLF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
PowerFLAT 8x8 HV package information
•
Epoxy meets UL94, V0
•
Lead-free Package
Figure 9. PowerFLAT 8x8 HV package outline
STPSC8H065DLF
Package information
DS12815 - Rev 2
page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com