Electronic Components Datasheet Search
  English  ▼

X  

BYM56C Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BYM56C
Description  CONTROLLED AVALANCHE RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYM56C Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BYM56C Datasheet HTML 1Page - EIC discrete Semiconductors BYM56C Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - MAX. AVERAGE FORWARD CURRENT
FIG.2 - MAX. AVERAGE FORWARD CURRENT
VS. TIE-POINT TEMPERATURE
VS. AMBIENT TEMPERATURE
0
40
80
120
160
200
0
40
80
120
160
200
FIG.3 - FORWARD CURRENT VS. FORWARD
FIG.4 - REVERSE CURRENT VS. JUNCTION
VOLTAGE; MAXIMUM VALUES
TEMPERATURE; MAXIMUM VALUES
Page 2 of 2
Rev. 02: October 8, 2012
RATING AND CHARACTERISTIC CURVES ( BYM56A - BYM56E )
4
3
2
1
12
100
10
2.0
0
0
1.2
0.8
0.4
0
8
0.1
4
1
VR = VRRM
16
1000
0
40
80
120
160
JUNCTION TEMPERATURE, ( °C)
200
VR = VRRM; δ = 0.5
Lead Length 10 mm
0
12
FORWARD VOLTAGE, (V)
5
1.6
AMBIENT TEMPERATURE, ( °C)
TIE-POINT TEMPERATURE, ( °C)
VR = VRRM; δ = 0.5
TJ = 25 °C
TJ = 175 °C
www.eicsemi.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com