Electronic Components Datasheet Search
  English  ▼

X  

MAX40079 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40079
Description  Single/Dual/Quad Ultra-Low Input Bias Current, Low-Noise Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40079 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40079 Datasheet HTML 1Page - Maxim Integrated Products MAX40079 Datasheet HTML 2Page - Maxim Integrated Products MAX40079 Datasheet HTML 3Page - Maxim Integrated Products MAX40079 Datasheet HTML 4Page - Maxim Integrated Products MAX40079 Datasheet HTML 5Page - Maxim Integrated Products MAX40079 Datasheet HTML 6Page - Maxim Integrated Products MAX40079 Datasheet HTML 7Page - Maxim Integrated Products MAX40079 Datasheet HTML 8Page - Maxim Integrated Products MAX40079 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
e
E1
D1
b
SE
SD
0.05 M S AB
B
A
E
D
Pin 1
Indicator
Marking
see Note 7
A3
A2
A
A1
0.05 S
S
FRONT VIEW
TOP VIEW
BOTTOM VIEW
A
1
0.50
0.17
0.30
0.040
0.22
0.35
0.70
0.35
0.175
0.00
A
AAAA
SIDE VIEW
0.727
1.308
1
32
B
TITLE
DOCUMENT CONTROL NO.
REV.
1
1
APPROVAL
COMMON DIMENSIONS
A
A2
A1
A3
b
E1
D1
e
SD
SE
MAX
0.03
0.03
BASIC
REF
BASIC
NOTES:
1. Terminal pitch is defined by terminal center to center value.
2. Outer dimension is defined by center lines between scribe lines.
3. All dimensions in millimeter.
4. Marking shown is for package orientation reference only.
5. Tolerance is ± 0.02 unless specified otherwise.
6. All dimensions apply to PbFree (+) package codes only.
7. Front - side finish can be either Black or Clear.
BASIC
BASIC
- DRAWING NOT TO SCALE -
A
BASIC
BASIC
maxim
integrated
TM
21-100174
PACKAGE OUTLINE 6 BUMPS
THIN WLP PKG. 0.35 mm PITCH,
N60F1+1
D
0.025
0.025
E
DEPOPULATED BUMPS:
NONE
Package Information (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX40079/MAX40087/
MAX40077/MAX40089/
MAX40078
Single/Dual/Quad Ultra-Low
Input Bias Current, Low-Noise Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com