Electronic Components Datasheet Search
  English  ▼

X  

MAX40203 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40203
Description  Ultra-Tiny nanoPower, 1A Ideal Diodes with Ultra-Low-Voltage Drop
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40203 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40203 Datasheet HTML 1Page - Maxim Integrated Products MAX40203 Datasheet HTML 2Page - Maxim Integrated Products MAX40203 Datasheet HTML 3Page - Maxim Integrated Products MAX40203 Datasheet HTML 4Page - Maxim Integrated Products MAX40203 Datasheet HTML 5Page - Maxim Integrated Products MAX40203 Datasheet HTML 6Page - Maxim Integrated Products MAX40203 Datasheet HTML 7Page - Maxim Integrated Products MAX40203 Datasheet HTML 8Page - Maxim Integrated Products MAX40203 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages.
Note that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different
suffix character, but the drawing pertains to the package regardless of RoHS status.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a
four-layer board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/
thermal-tutorial.
Electrical Characteristics
(VDD = +3.6V, VEN = VDD, CIN = 0.1μF in parallel with 10μF, CL = 10μF, TA = -40°C to +125°C. Typical values are at TA = +25°C,
unless otherwise noted. (Notes 1, 2))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FORWARD-BIASED CHARACTERISTICS
Supply Voltage
Guaranteed by VFWD at 100mA
1.2
5.5
V
MAX40203
Ultra-Tiny nanoPower, 1A Ideal Diodes with Ultra-
Low-Voltage Drop
www.maximintegrated.com
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com