Electronic Components Datasheet Search
  English  ▼

X  

LPBC1441 Datasheet(PDF) 2 Page - Littelfuse

Part # LPBC1441
Description  Distribution Blocks ??Splicer Blocks ??Covers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPBC1441 Datasheet(HTML) 2 Page - Littelfuse

  LPBC1441 Datasheet HTML 1Page - Littelfuse LPBC1441 Datasheet HTML 2Page - Littelfuse LPBC1441 Datasheet HTML 3Page - Littelfuse LPBC1441 Datasheet HTML 4Page - Littelfuse LPBC1441 Datasheet HTML 5Page - Littelfuse LPBC1441 Datasheet HTML 6Page - Littelfuse LPBC1441 Datasheet HTML 7Page - Littelfuse LPBC1441 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Littelfuse.com
© 2020 Littelfuse, Inc.
Rev: 2-B-051820
2 of 8
POWR-GARD® Blocks and Holders Datasheet
POWR-BLOKS
Distribution Block Selection Guide
AMP
PER
POLE
LINE CONNECTION
LOAD CONNECTION
CATALOG/
ORDERING
NUMBER
*PLASTIC
COVER
ORDERING
NUMBER
CONNECTOR
IMAGE
LUG TYPE
WIRE
RANGE
TORQUE
RANGE
CONNECTOR
IMAGE
LUG TYPE
WIRE
RANGE
TORQUE
RANGE
115
1
AL
1
Slotted
#2 - #14
35-50 in-lbs
4
Slotted #10 - #18
7 in-lbs
10
0LD14401Z
LPBC1441
115
2
1
Slotted
#2 - #14
35-50 in-lbs
4
Slotted #10 - #18
7 in-lbs
10
0LD14402Z
LPBC1442
115
3
1
5/32" Hex
#2 - #14
50-40 in-lbs
4 5/64" Hex #10 - #18
7 in-lbs
2
LFD14003Z
LPBC13
115
4
1
Slotted
#2 - #14
35-50 in-lbs
4
Slotted #10 - #18
7 in-lbs
10
0LD14404Z
LPBC1444
175
1
AL
1
5/16" Hex
2/0 - #14
35-120 in-lbs
4
Slotted
#4 - #14
35 in-lbs
3
0LD25701Z**
LPBC21
175
2
1
3/16" Hex
2/0 - #14
40-120 in-lbs
4
1/8" Hex #4 - #14
35 in-lbs
3
LFD25702Z
LPBC22
175
3
1
3/16" Hex
2/0 - #14
40-120 in-lbs
4
1/8" Hex #4 - #14
35 in-lbs
3
LFD25703Z**
LPBC23
175
1
AL
1
3/16" Hex
2/0 - #14
35-120 in-lbs
4
1/8" Hex #4 - #14
35 in-lbs
4 0LD25701ZXDIN 0LCH1321Z
175
2
1
3/16" Hex
2/0 - #14
35-120 in-lbs
4
1/8" Hex #4 - #14
35 in-lbs
4 0LD25702ZXDIN 0LCH1322Z
175
3
1
3/16" Hex
2/0 - #14
35-120 in-lbs
4
1/8" Hex #4 - #14
35 in-lbs
4 0LD25703ZXDIN 0LCH1323Z
175 Adder
1
–
2/0 - #14
35-120 in-lbs
4
–
#4 - #14
35 in-lbs
4 0LD2570AZXDIN
-
175
1
CU
1
3/16" Hex
2/0 - #14
35-120 in-lbs
4
Slotted
#4 - #14
35 in-lbs
3
0LD29701Z**
LPBC21
175
2
1
3/16" Hex
2/0 - #14
35-120 in-lbs
4
Slotted
#4 - #14
35 in-lbs
3
0LD29702Z**
LPBC22
175
3
1
3/16" Hex
2/0 - #14
35-120 in-lbs
4
Slotted
#4 - #14
35 in-lbs
3
0LD29703Z**
LPBC23
175
1
CU
1
3/16" Hex
2/0 - #14
35-120 in-lbs
4
Slotted
#4 - #14
35 in-lbs
4 0LD29701ZXDIN 0LCH1321Z
175
2
1
3/16" Hex
2/0 - #14
35-120 in-lbs
4
Slotted
#4 - #14
35 in-lbs
4 0LD29702ZXDIN 0LCH1322Z
175
3
1
3/16" Hex
2/0 - #14
35-120 in-lbs
4
Slotted
#4 - #14
35 in-lbs
4 0LD29703ZXDIN 0LCH1323Z
175 Adder
1
–
2/0 - #14
35-120 in-lbs
4
–
#4 - #14
35 in-lbs
4 0LD2970AZXDIN
-
175
2
AL
1
5/16" Hex
2/0 - #14
35-120 in-lbs
4
Slotted
#4 - #14
35 in-lbs
1
0LD04022Z**
LPBC02
175
3
1
5/16" Hex
2/0 - #14
35-120 in-lbs
4
Slotted
#4 - #14
35 in-lbs
1
0LD04023Z**
LPBC03
175
2
AL
1
5/16" Hex
2/0 - #14
35-120 in-lbs
6
Slotted
#4 - #14
35 in-lbs
1
0LD04012Z**
LPBC02
175
3
1
3/16" Hex
2/0 - #14
40-120 in-lbs
6
1/8" Hex #4 - #14
35 in-lbs
1
LFD04013Z**
LPBC03
175
1
AL
1
5/16" Hex
2/0 - #14
35-120 in-lbs
6
1/8" Hex #4 - #14
35 in-lbs
4 0LD25801ZXDIN 0LCH1321Z
175
2
1
5/16" Hex
2/0 - #14
35-120 in-lbs
6
1/8" Hex #4 - #14
35 in-lbs
4 0LD25802ZXDIN 0LCH1322Z
175
3
1
5/16" Hex
2/0 - #14
35-120 in-lbs
6
1/8" Hex #4 - #14
35 in-lbs
4 0LD25803ZXDIN 0LCH1323Z
175 Adder
1
5/16" Hex
2/0 - #14
35-120 in-lbs
6
1/8" Hex #4 - #14
35 in-lbs
4 0LD2580AZXDIN
-
310
3
AL
1
5/16" Hex 350kcmil - #6 40-120 in-lbs
2 3/16" Hex 2/0 - #14 35-120 in-lbs 9
0LD335543Z
0LCH1333Z
310
2
AL
1
5/16" Hex 350kcmil - #6
275 in-lbs
6
Slotted
#4 - #14
35 in-lbs
1
0LD04042Z**
LPBC02
310
3
1
5/16" Hex 350kcmil - #6
275 in-lbs
6
Slotted
#4 - #14
35 in-lbs
1
0LD04043Z**
LPBC03
335
1
AL
1
5/16" Hex 400kcmil - #6
275 in-lbs
4
Slotted
#2 - #14 35-50 in-lbs 5
0LD35521Z**
LPBC31
335
2
1
5/16" Hex 400kcmil - #6
275 in-lbs
4
Slotted
#2 - #14 35-50 in-lbs 5
0LD35522Z**
LPBC32
380
3
1
3/8" Hex 500kcmil - #6
375 in-lbs
4 5/32" Hex #2 - #14 35-50 in-lbs 5
LFD35523Z
LPBC33
335
1
AL
1
5/16" Hex 400kcmil - #6
275 in-lbs
6
Slotted
#2 - #14 35-50 in-lbs 5
0LD35531Z**
LPBC31
335
2
1
5/16" Hex 400kcmil - #6
275 in-lbs
6
Slotted
#2 - #14 35-50 in-lbs 5
0LD35532Z**
LPBC32
380
3
1
3/8" Hex 500kcmil - #6
375 in-lbs
6 5/32" Hex #2 - #14 40-50 in-lbs 5
LFD35533Z
LPBC33
335
1
AL
1
Slotted 400kcmil - #6
275 in-lbs
8
Slotted
#2 - #14 35-50 in-lbs 6
0LD45601Z**
LPBC41
335
2
1
Slotted 400kcmil - #6
275 in-lbs
8
Slotted
#2 - #14 35-50 in-lbs 6
0LD45602Z**
LPBC42
335
3
1
Slotted 400kcmil - #6
275 in-lbs
8
Slotted
#2 - #14 35-50 in-lbs 6
0LD45603Z**
LPBC43
350
1
AL
2
3/16" Hex
2/0 - #14
35-120 in-lbs
6
Slotted
#4 - #14
35 in-lbs
5
0LD35551Z**
LPBC31
350
2
2 3w/16" Hex 2/0 - #14
35-120 in-lbs
6
Slotted
#4 - #14
35 in-lbs
5
0LD35552Z**
LPBC32
350
3
2
3/16" Hex
2/0- #14
40-120 in-lbs
6
1/8" Hex #4 - #14
35 in-lbs
5
LFD35553Z
LPBC33
350
1
CU
2
Slotted
2/0 - #14
35-120 in-lbs
6
1/8" Hex #4 - #14
35 in-lbs
5
0LD39551Z**
LPBC31
350
2
2
Slotted
2/0 - #14
35-120 in-lbs
6
1/8" Hex #4 - #14
35 in-lbs
5
0LD39552Z**
LPBC32
350
3
2
Slotted
2/0 - #14
35-120 in-lbs
6
1/8" Hex #4 - #14
35 in-lbs
5
0LD39553Z**
LPBC33
380
1
CU
1
Slotted 500kcmil - #6
375 in-lbs
6 5/32" Hex #2 - #14 35-50 in-lbs 5
0LD39531Z**
LPBC31
380
2
1
Slotted 500kcmil - #6
375 in-lbs
6 5/32" Hex #2 - #14 35-50 in-lbs 5
0LD39532Z**
LPBC32
380
3
1
Slotted 500kcmil - #6
375 in-lbs
6 5/32" Hex #2 - #14 35-50 in-lbs 5
0LD39533Z**
LPBC33
380
1
AL
1
Slotted 500kcmil - #4
375 in-lbs
6
Slotted
#2 - #14 35-50 in-lbs 6
0LD45511Z**
LPBC41
380
2
1
Slotted 500kcmil - #4
375 in-lbs
6
Slotted
#2 - #14 35-50 in-lbs 6
0LD45512Z**
LPBC42
380
3
1
Slotted 500kcmil - #4
375 in-lbs
6
Slotted
#2 - #14 35-50 in-lbs 6
0LD45513Z**
LPBC43
Note: AL = Aluminum / CU = Copper *Covers sold separately
**Multiple wire rated on load side. Contact factory for additional information.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com