Electronic Components Datasheet Search
  English  ▼

X  

LPBC1444 Datasheet(PDF) 1 Page - Littelfuse

Part # LPBC1444
Description  Distribution Blocks ??Splicer Blocks ??Covers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPBC1444 Datasheet(HTML) 1 Page - Littelfuse

  LPBC1444 Datasheet HTML 1Page - Littelfuse LPBC1444 Datasheet HTML 2Page - Littelfuse LPBC1444 Datasheet HTML 3Page - Littelfuse LPBC1444 Datasheet HTML 4Page - Littelfuse LPBC1444 Datasheet HTML 5Page - Littelfuse LPBC1444 Datasheet HTML 6Page - Littelfuse LPBC1444 Datasheet HTML 7Page - Littelfuse LPBC1444 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Littelfuse.com
© 2020 Littelfuse, Inc.
Rev: 2-B-051820
1 of 8
POWR-GARD® Blocks and Holders Datasheet
POWR-BLOKS
Distribution Blocks • Splicer Blocks • Covers
Distribution Blocks • Splicer Blocks • Covers
Description
POWR-BLOKS power distribution blocks offer a safe,
convenient way of splicing cables, providing a fixed junction
tap-off point or splitting primary power into secondary
circuits. Lx2xxx-DIN series offers integral DIN-Rail mount
and an optional hinged safety cover.
Optional power distribution block covers provide protection
against accidental shorting between poles caused by
loose wires, tools, or other conductive material. They also
protect personnel from accidentally contacting energized
connectors.
Applications
Typical applications include heating, air conditioning and
refrigeration systems, elevator systems, material handling
equipment, control panels, motor controls, switchgear,
and anywhere power needs to be distributed to more
than one load.
Connectors
Box lug connectors are designed for use with a single or
multiple, solid or class B or C stranded conductor. For UL
approved use of more than one conductor per connector
opening, contact Littelfuse Technical Service. Manufacturers
of cable terminations can furnish crimp-on sleeves for fine
stranded conductors which permit these conductors to be
used with box lugs.
Ampere Ratings
The ampere rating per pole for power distribution blocks is
based on the line ampacity of 75°C insulated conductors per
NEC® Table 310.16. If 60°C insulated conductors are used,
load must not exceed the ampacity of 60°C conductors.
Use of conductors rated in excess of 75°C is permitted (for
example 90°C), however, load must not exceed the ampacity
of 75°C conductors.
Specifications
Voltage Rating
600 V
Current Rating
Based on NEC Table 310.16, using 75 °C copper wire
SCCR
Consult Factory
Material
Phenolic rated at 150 °C and Thermoplastic
rated at 125 °C (LD1400 and LS1300 series only)
Connector
Aluminum: Highly conductive aluminum, tin plated
Copper: Highly conductive copper, tin plated
Flammability Rating UL94 V-0
Approvals
UL Recognized - 0LD/0LS Series (File: E171395)
LFD/LFS Series (File: E309688)
CSA Certified - 0LD/0LS Series (File: LR700111)
LFD/LFS Series (File: 007316_0_000)
UL Listed - 0LD57xxxx (File: E482231)
Environmental
RoHS compliant, Lead (Pb) free
Ordering Information
See Selection Guide on next page
Web Resources
For dimension, CAD and 3-D drawings, visit:
Littelfuse.com/powrbloks
Clear Plastic Covers
Hinged Plastic Covers


Similar Part No. - LPBC1444

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LPBC0-2 LITTELFUSE-LPBC0-2 Datasheet
609Kb / 7P
POWR-BLOKS Distribution/Splicer Blocks and Covers
LPBC0-3 LITTELFUSE-LPBC0-3 Datasheet
609Kb / 7P
POWR-BLOKS Distribution/Splicer Blocks and Covers
LPBC2-1 LITTELFUSE-LPBC2-1 Datasheet
609Kb / 7P
POWR-BLOKS Distribution/Splicer Blocks and Covers
LPBC2-2 LITTELFUSE-LPBC2-2 Datasheet
609Kb / 7P
POWR-BLOKS Distribution/Splicer Blocks and Covers
LPBC2-3 LITTELFUSE-LPBC2-3 Datasheet
609Kb / 7P
POWR-BLOKS Distribution/Splicer Blocks and Covers
More results

Similar Description - LPBC1444

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LD1400-1 LITTELFUSE-LD1400-1 Datasheet
609Kb / 7P
POWR-BLOKS Distribution/Splicer Blocks and Covers
logo
Altech corporation
38049 ALTECH-38049 Datasheet
120Kb / 2P
ONE PHASE POWER DISTRIBUTION BLOCKS
38064 ALTECH-38064 Datasheet
90Kb / 1P
SPLICER TERMINAL BLOCKS
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
Power Distribution Blocks
16200-1 COOPER-16200-1 Datasheet
197Kb / 3P
Power Distribution & Terminal Blocks
16000-2 COOPER-16000-2 Datasheet
1Mb / 4P
Splicer blocks
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
ferrule power distribution fuse blocks
logo
Littelfuse
GDB LITTELFUSE-GDB Datasheet
368Kb / 10P
Global Distribution Blocks
logo
Altech corporation
38680 ALTECH-38680 Datasheet
1Mb / 3P
UL1953 Power Distribution Blocks
logo
ABB
1SNA356103R0400 ABB-1SNA356103R0400 Datasheet
54Kb / 3P
DBTI Distribution Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com