Electronic Components Datasheet Search
  English  ▼

X  

PI3HDMI413 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3HDMI413
Description  4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI413 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3HDMI413 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI413 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8796
11/14/05
PI3HDMI413
4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI
Compliant Signal Switch based on TMDS Signaling Standard
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power Supply Current
VDD = Max., VIN = VDD or VSS
450
µA
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at TA = 25°C ambient and maximum loading.
Dynamic Electrical Characteristics Over the Operating Range (TA= -40º to +85ºC)
Parameter(1)
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
XTALK
Crosstalk
See Fig. 1 for Measurement
Setup, @ 1.65Gbps
-30
dB
OIRR
OFF Isolation
See Fig. 2 for Measurement
Setup, @ 1.65Gbps
-35
DR
Data Rate
1.65
Gbps
Notes:
1. Guaranteed by design.
2. Typical values are at TA = 25°C ambient and maximum loading.
Fig 1. Crosstalk Setup
����������
�
�
�
��������
������
������
������
�������
���
�����
���
����
Note:
1. For measurement setup, please see “Test Circuit For Electrical Characteristic” on page 6, and “Switching waveforms” on page 7
Switching Characteristics (TA= -40º to +85ºC, VSS=0V, VDD=1.8V ±10%)
Paramenter
Description(1)
Min.
Max.
Units
tPZH, tPZL Line Enable Time - SEL to AN, BN
0.5
8.0
nS
tPHZ, tPLZ Line Disable Time - SEL to AN, BN
0.5
4.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com