Electronic Components Datasheet Search
  English  ▼

X  

SPC572L64F2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 5Page - STMicroelectronics SPC572L64F2 Datasheet HTML 6Page - STMicroelectronics SPC572L64F2 Datasheet HTML 7Page - STMicroelectronics SPC572L64F2 Datasheet HTML 8Page - STMicroelectronics SPC572L64F2 Datasheet HTML 9Page - STMicroelectronics SPC572L64F2 Datasheet HTML 10Page - STMicroelectronics SPC572L64F2 Datasheet HTML 11Page - STMicroelectronics SPC572L64F2 Datasheet HTML 12Page - STMicroelectronics SPC572L64F2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
DocID027866 Rev 5
9/112
SPC572Lx
Introduction
111
Figure 1. Block diagram
Nexus 3
VLE
Scalar SP-FPU
BIU
LFAST support)
SPU
JTAGM
JTAGC
INTC_2
SWT_3
SWT_2
STM_2
e200z215An3–80 MHz
Core
Ethernet
(LFAST
& SIPI)
DMA CH MUX
16ch eDMA
40 MHz
Concentrator
40 MHz
M2
M0
M1
Cross Bar Switch (AMBA 2.0 v6 AHB)–80 MHz
System Memory Protection Unit (SMPU)
32 ADD
32 DATA
Load/Store
32 ADD
32 DATA
Instruction
32 ADD
32 DATA
Peripheral Bridge
40 MHz
Decorated Storage
SRAM Control
Decorated Access
Flash Controller
8 x 128
32 ADD
32 DATA
S2
S1
S0
32 ADD
32 DATA
32 ADD
32 DATA
Overlay Backdoor
for system RAM
SRAM
64 KB
NAR
Overlay/Trace
RAM 8 KB
128-bit Page Line
1.5 MB flash
6 x 256 KB code flash
2 x 16 KB data EEPROM
NVM
Peripheral Cluster
Mini Cache
allocation diagram)
(see Periphery
32 ADD
32 DATA
32 ADD
32 DATA
DCI (without
Zipwire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com