Electronic Components Datasheet Search
  English  ▼

X  

SPC574S-DISP Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC574S-DISP
Description  SPC574S-DISP – Discovery Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S-DISP Datasheet(HTML) 1 Page - STMicroelectronics

  SPC574S-DISP Datasheet HTML 1Page - STMicroelectronics SPC574S-DISP Datasheet HTML 2Page - STMicroelectronics SPC574S-DISP Datasheet HTML 3Page - STMicroelectronics SPC574S-DISP Datasheet HTML 4Page - STMicroelectronics SPC574S-DISP Datasheet HTML 5Page - STMicroelectronics SPC574S-DISP Datasheet HTML 6Page - STMicroelectronics SPC574S-DISP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
•
Featuring SPC574S60E3, a 32-bit power architecture microcontroller with dual
core e200z4d, 1.5 MB flash, e TQFP100 pins
•
1 CAN FD port (DB9 connector)
•
1 FlexRay, 1 line port (with transceiver)
•
PLS integrated programmer - debugger
•
JTAG interface: (standard 7 x 2 male, 0.1")
•
1 USB virtual COM Port
•
3 push buttons, 3 LEDs for user purposes, reset push button
•
2 potentiometers for ADC quick evaluation
•
All GPIOs and signals accessible by a 4 x 40, 0.1" pin grid array allowing
connection of an additional boards
•
Board supply: 12 VDC (external power supply)
•
Board size 132 mm x 105 mm
Description
The SPC574S-DISP is the ideal discovery board for accelerating the development
and securing a fast time-to-market, with a perfect balance among performance,
functionalities and cost.
Featuring SPC57 4S Line, it addresses a wide range of automotive applications such
as brushless DC electric motors.
SPC57 4S Line is designed to meet ASIL-D highest functional safety level, in
compliance with ISO26262. The SPC574S-DISP provides full access to all CPU’s
signals and GPIO’s, and exposes a wide set of connectivity options, such as CAN-
FD, FlexRay, LIN, UART.
It offers easy debug both with a JTAG port and the on-board PLS debugger-
programmer. PLS Universal Debug Engine Software is available for free download at
this link (www.st.com/spc5-udestk-sw) and includes a full feature code size limited
evaluation license. Additional SW license are available at this link (www.st.com/spc5-
udedebg). It also includes extension headers (4 x 40 pins) to connect prototyping
boards or additional modules, as well as push switches and LEDs for HMI
customization. Power supply (EU plug) in the box for immediate plug and play.
ST’s SPC5 Studio, an Eclipse-based Integrated Development Environment (IDE),
providing a comprehensive framework to design, build and deploy your own
embedded application SPC5 Studio is available for free download (www.st.com/
spc5studio) and includes multiple free application firmware examples ready for use.
Learn more and share your experience joining ST Community at https://
community.st.com/SPC5 Automotive MCUs.
Product status link
SPC574S-DISP
Product summary
Order code
SPC574S-DISP
Reference
SPC57 4S Line
Discovery with
SPC574S60E3
SPC574S-DISP – Discovery Board
SPC574S-DISP
Data brief
DB3999 - Rev 1 - August 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SPC574S-DISP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC574S60 STMICROELECTRONICS-SPC574S60 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC574S60E3BXXXR STMICROELECTRONICS-SPC574S60E3BXXXR Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC574S60E3BXXXX STMICROELECTRONICS-SPC574S60E3BXXXX Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC574S60E3BXXXY STMICROELECTRONICS-SPC574S60E3BXXXY Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
More results

Similar Description - SPC574S-DISP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY Datasheet
245Kb / 4P
SPC560B-DIS Discovery evaluation board
July 2015 Rev 3
SPC58NH-DISP STMICROELECTRONICS-SPC58NH-DISP Datasheet
538Kb / 7P
SPC58 H Line Discovery Board
13-Mar-2020
SPC56L-DISCOVERY STMICROELECTRONICS-SPC56L-DISCOVERY_V01 Datasheet
132Kb / 4P
SPC56EL70L5DISP: Discovery evaluation board
01-Aug-2018
SPC58NG-DISP STMICROELECTRONICS-SPC58NG-DISP Datasheet
327Kb / 5P
SPC58NG-DISP Discovery evaluation board
04-Jul-2019
UM2461 STMICROELECTRONICS-UM2461 Datasheet
763Kb / 24P
SPC584B-DIS Discovery Board
15-Apr-2020
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY_V01 Datasheet
100Kb / 4P
SPC560B-DIS Discovery evaluation board
September 2018
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY_V01 Datasheet
134Kb / 6P
SPC560P-DISP: Discovery evaluation board
August 2018
SPC572L-DISP STMICROELECTRONICS-SPC572L-DISP Datasheet
113Kb / 4P
SPC572L-DISP Discovery board
19-Nov-2018
UM2462 STMICROELECTRONICS-UM2462 Datasheet
1Mb / 16P
SPC584B-DISP Discovery Board
02-Mar-2020
SPC570S-DISP STMICROELECTRONICS-SPC570S-DISP Datasheet
295Kb / 4P
SPC570S-DISP Discovery evaluation board
05-Apr-2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com