Electronic Components Datasheet Search
  English  ▼

X  

ST25DV04KC Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 4Page - STMicroelectronics ST25DV04KC Datasheet HTML 5Page - STMicroelectronics ST25DV04KC Datasheet HTML 6Page - STMicroelectronics ST25DV04KC Datasheet HTML 7Page - STMicroelectronics ST25DV04KC Datasheet HTML 8Page - STMicroelectronics ST25DV04KC Datasheet HTML 9Page - STMicroelectronics ST25DV04KC Datasheet HTML 10Page - STMicroelectronics ST25DV04KC Datasheet HTML 11Page - STMicroelectronics ST25DV04KC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 203 page
background image
2.3
RF link (AC0 AC1)
2.3.1
Antenna coil (AC0, AC1)
These inputs are used to connect the ST25DVxxKC device to an external coil exclusively. It is advised not to
connect any other DC or AC path to AC0 or AC1.
When correctly tuned, the coil is used to power and access the device using the ISO/IEC 15693 and ISO 18000-3
mode 1 protocols.
2.4
Process control (GPO, VDCG)
2.4.1
Driver supply voltage (VDCG)
This pin, available only with 10-ball and 12-pin ST25DVxxKC packages, can be connected to an external DC
supply voltage. It only supplies the GPO (CMOS) driver block.
ST25DVxxKC cannot be powered by VDCG. If VDCG is left floating, there is not any information available on the
GPO (CMOS) pin.
2.4.2
General purpose output (GPO)
The ST25DVxxKC features a configurable output GPO pin used to provide RF and I²C activity information to an
external device.
Depending on the ST25DVxxKC package version, there are two types of GPO output:
•
8-pin ST25DVxxKC packages offer an open drain GPO output. This GPO pin must be connected to an
external pull
‑up resistor (> 4.7 kΩ) to operate.
•
10-ball and 12-pin ST25DVxxKC packages offer a CMOS GPO output, which requires to connect VDCG pin
to an external power supply. The interrupt consists of setting the state to a high level, or outputting a positive
pulse on the GPO pin.
GPO pin is a configurable output signal, and can mix several interruption modes. By default, the GPO register
sets the interruption mode as an RF field change detector. It is able to raise various events like RF activity,
Memory write completion, or fast transfer actions. It can authorize the RF side to directly drive the GPO pin
using the Manage GPO command, to set the output state, or emit a single pulse (for example, to wake up an
application.). See Section 5.4 GPO for details.
2.5
Energy harvesting analog output (V_EH)
This analog output pin is used to deliver the analog voltage V_EH available when the Energy harvesting mode
is enabled and if the RF field strength is sufficient. When the Energy harvesting mode is disabled or the RF field
strength is not sufficient, V_EH pin is in High-Z state (See Section 5.5 Energy harvesting (EH) for details).
Energy harvesting voltage output is not regulated.
ST25DV04KC ST25DV16KC ST25DV64KC
RF link (AC0 AC1)
DS13519 - Rev 3
page 8/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com