Electronic Components Datasheet Search
  English  ▼

X  

STA369BWS Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 1 Page - STMicroelectronics

  STA369BWS_V01 Datasheet HTML 1Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 2Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 3Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 4Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 5Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 6Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 7Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 8Page - STMicroelectronics STA369BWS_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
This is information on a product in full production.
September 2014
DocID016861 Rev 7
1/92
STA369BWS
2.1-channel 40-watt high-efficiency digital audio system
Sound Terminal®
Datasheet
- production data
Features
 Wide-range supply voltage, 4.5 V to 21.5 V
 Three power output configurations:
– 2 channels of ternary PWM
(2 x 20 W into 8
 at 18 V) + PWM output
– 2 channels of ternary PWM
(2 x 20 W into 8
 at 18 V) + ternary stereo
line-out
– 2.1 channels of binary PWM (left, right,
LFE) (2 x 9 W into 4
 +1 x 20 W into 8 
at 18 V)
 FFX with 100-dB SNR and dynamic range
 Scalable FFX modulation index (up to 100%)
 Selectable 32- to 192-kHz input sample rates
 I2C control with selectable device address
 Digital gain/attenuation +48 dB to -80 dB with
0.125-dB/step resolution
 Soft volume update with programmable ratio
 Individual channel and master gain/attenuation
 Two independent DRCs configurable as a
dual-band anti-clipper (B2DRC) or as
independent limiters/compressors with
optional global DRC capability
 EQ-DRC for DRC based on filtered signals
 Dedicated LFE processing for bass boosting
with 0.125-dB/step resolution
 Audio presets:
– 15 preset crossover filters
– 5 preset anti-clipping modes
– Preset night-time listening mode
 Individual channel soft/hard mute
 Independent channel volume and DSP bypass
 I2S input data interface
 Input and output channel mapping
 Automatic invalid input-detect mute
 Up to 8 user-programmable biquads/channel
 Three coefficients banks for EQ presets storing
with fast recall via I2C interface
 Extended filter dynamics +4/-4 for better sound
shaping and easier filter implementation
 Bass/treble tones and de-emphasis control
 Selectable high-pass filter for DC blocking
 Advanced AM interference frequency
switching and noise suppression modes
 F3X™ advanced PWM modulation scheme for
carrier suppression (headphone or line output)
 Selectable high- or low-bandwidth
noise-shaping topologies
 Selectable clock input ratio
 96-kHz internal processing sample rate with
quantization error noise shaping for very low
cut-off frequency filters
 Thermal overload and short-circuit protection
embedded
 Video apps: 576 x fS input mode supported
 PCB manufacturing short-circuit protection
technology
PowerSSO-36
with exposed pad down (EPD)
Table 1. Device summary
Order code
Package
Packaging
STA369BWS
PowerSSO-36 EPD
Tube
STA369BWSTR PowerSSO-36 EPD Tape and reel
www.st.com


Similar Part No. - STA369BWS_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
More results

Similar Description - STA369BWS_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
10-Dec-2009
STA333BW STMICROELECTRONICS-STA333BW_11 Datasheet
2Mb / 67P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
January 2011 Rev 3
STA339BWS STMICROELECTRONICS-STA339BWS_11 Datasheet
2Mb / 76P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
22-Nov-2011
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
STA369BWS STMICROELECTRONICS-STA369BWS Datasheet
2Mb / 89P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal?
04-Nov-2010
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STEVAL-CCA030V1 STMICROELECTRONICS-STEVAL-CCA030V1 Datasheet
274Kb / 4P
STA350BW Sound Terminal??2.1-channel high-efficiency digital audio system board
28-May-2012
STA339BWS13TR STMICROELECTRONICS-STA339BWS13TR Datasheet
2Mb / 76P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal짰
22-Nov-2011
STA333BW13TR STMICROELECTRONICS-STA333BW13TR Datasheet
1Mb / 68P
2.1-channel 40-watt high-efficiency digital audio system
18-Sep-2013
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com