Electronic Components Datasheet Search
  English  ▼

X  

STF26N60DM6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF26N60DM6
Description  N-channel 600 V, 165 mΩ typ., 18 A, MDmesh DM6 Power MOSFET in a TO-220FP package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF26N60DM6 Datasheet(HTML) 5 Page - STMicroelectronics

  STF26N60DM6 Datasheet HTML 1Page - STMicroelectronics STF26N60DM6 Datasheet HTML 2Page - STMicroelectronics STF26N60DM6 Datasheet HTML 3Page - STMicroelectronics STF26N60DM6 Datasheet HTML 4Page - STMicroelectronics STF26N60DM6 Datasheet HTML 5Page - STMicroelectronics STF26N60DM6 Datasheet HTML 6Page - STMicroelectronics STF26N60DM6 Datasheet HTML 7Page - STMicroelectronics STF26N60DM6 Datasheet HTML 8Page - STMicroelectronics STF26N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG061220181128SOA
101
100
10-1
10-1
100
101
102
ID
(A)
VDS (V)
Operation in this area
is limited by RDS(on)
TC = 25 °C,
TJ ≤ 150 °C,
single pulse
tp = 1 μs
tp = 100 μs
tp = 1 ms
tp = 10 ms
Figure 2. Normalized thermal impedance
Figure 3. Output characteristics
GADG291120180826OCH
50
40
30
20
10
0
0
4
8
12
16
20
ID
(A)
VDS (V)
VGS = 6 V
VGS = 7 V
VGS = 8 V
VGS = 9 V
VGS = 10 V
Figure 4. Transfer characteristics
GADG291120180826TCH
50
40
30
20
10
0
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Gate charge vs gate-source voltage
GADG291120180831QVG
600
500
400
300
200
100
0
12
10
8
6
4
2
0
0
4
8
12
16
20
24
VDS
(V)
VGS
(V)
Qg (nC)
Qg
Qgd
Qgs
VDS
VDD = 480 V, ID = 18 A
Figure 6. Capacitance variations
GADG291120180831CVR
10 3
10 2
10 1
10 0
10 0
10 1
10 2
C
(pF)
VDS (V)
CISS
COSS
CRSS
f = 1 MHz
STF26N60DM6
Electrical characteristics (curves)
DS12863 - Rev 2
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12