Electronic Components Datasheet Search
  English  ▼

X  

1752007 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1752007
Description  PCB terminal block - MKDSN 1,5/ 2-5,08 RD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752007 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1752007 Datasheet HTML 1Page - PHOENIX CONTACT 1752007 Datasheet HTML 2Page - PHOENIX CONTACT 1752007 Datasheet HTML 3Page - PHOENIX CONTACT 1752007 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1752007
11/04/2018   Page 3 / 4
PCB terminal block - MKDSN 1,5/ 2-5,08 RD - 1752007
Diagram
100
80
60
40
20
0
12
8
16
20
24
4
0
1 =1,5mm
2
1
Ambienttemperature[°C]
Approvals
Approvals
Approvals
DNV GL / IECEE CB Scheme / SEV / EAC / cULus Recognized
Ex Approvals
Approval details
DNV GL 
 http://exchange.dnv.com/tari/
 TAE00001EV
IECEE CB Scheme 
 http://www.iecee.org/
 CH-8225
 
 
Nominal voltage UN
250 V
Nominal current IN
13.5 A
mm²/AWG/kcmil
1.5
SEV 
  https://www.electrosuisse.ch/de/meta/shop/produktezertifikate.html  IK-3542-M1
 
 
Nominal voltage UN
250 V
Nominal current IN
13.5 A
mm²/AWG/kcmil
1.5
EAC 
 
 B.01742



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com