Electronic Components Datasheet Search
  English  ▼

X  

1753381 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753381
Description  Printed-circuit board connector - CCDN 2,5/10-G1F-5,08 P26THR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753381 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753381 Datasheet HTML 1Page - PHOENIX CONTACT 1753381 Datasheet HTML 2Page - PHOENIX CONTACT 1753381 Datasheet HTML 3Page - PHOENIX CONTACT 1753381 Datasheet HTML 4Page - PHOENIX CONTACT 1753381 Datasheet HTML 5Page - PHOENIX CONTACT 1753381 Datasheet HTML 6Page - PHOENIX CONTACT 1753381 Datasheet HTML 7Page - PHOENIX CONTACT 1753381 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1753381
09/12/2020   Page 1 / 8
Printed-circuit board connector - CCDN 2,5/10-G1F-5,08 P26
THR - 1753381
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 10, pitch: 5.08 mm, color: black, contact surface: Tin, mounting: THR soldering, pin layout: Linear
pinning, solder pin [P]: 2.6 mm
The figure shows a 10-pos. version
with 20 contacts
Your advantages
 Designed for integration into the SMT soldering process
 Conductor connection on several levels enables higher contact density
 Screwable flange for superior mechanical stability
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356324328
Technical data
Item properties
Brief article description
Feed-through header
Plug-in system
CLASSIC COMBICON
Type of contact
Male connector
Range of articles
CCDN 2,5/..-G1F-THR
Pitch
5.08 mm
Number of positions
10
Mounting type
THR soldering
Pin layout
Linear pinning
Locking
Threaded flange
Number of levels
2
Number of connections
20


Similar Part No. - 1753381

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
logo
List of Unclassifed Man...
17533 ETC2-17533 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Weidmuller
1753300000 WEIDMULLER-1753300000 Datasheet
100Kb / 5P
PCB connection systems
logo
PHOENIX CONTACT
1753307 PHOENIX-1753307 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 2-G1F-5,08 P26 THR
1753310 PHOENIX-1753310 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 3-G1F-5,08 P26THR
More results

Similar Description - 1753381

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753310 PHOENIX-1753310 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 3-G1F-5,08 P26THR
1753336 PHOENIX-1753336 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 5-G1F-5,08 P26THR
1753349 PHOENIX-1753349 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 6-G1F-5,08 P26THR
1753352 PHOENIX-1753352 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 7-G1F-5,08 P26THR
1753365 PHOENIX-1753365 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 8-G1F-5,08 P26THR
1753378 PHOENIX-1753378 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/ 9-G1F-5,08 P26THR
1753417 PHOENIX-1753417 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/13-G1F-5,08 P26THR
1753420 PHOENIX-1753420 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/14-G1F-5,08 P26THR
1753446 PHOENIX-1753446 Datasheet
69Kb / 3P
Printed-circuit board connector - CCDN 2,5/16-G1F-5,08 P26THR
1753462 PHOENIX-1753462 Datasheet
68Kb / 3P
Printed-circuit board connector - CCDN 2,5/18-G1F-5,08 P26THR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com