Electronic Components Datasheet Search
  English  ▼

X  

1754610 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 1754610
Description  Printed-circuit board connector - FKCN 2,5/ 7-ST-5,08
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754610 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 1754610 Datasheet HTML 14Page - PHOENIX CONTACT 1754610 Datasheet HTML 15Page - PHOENIX CONTACT 1754610 Datasheet HTML 16Page - PHOENIX CONTACT 1754610 Datasheet HTML 17Page - PHOENIX CONTACT 1754610 Datasheet HTML 18Page - PHOENIX CONTACT 1754610 Datasheet HTML 19Page - PHOENIX CONTACT 1754610 Datasheet HTML 20Page - PHOENIX CONTACT 1754610 Datasheet HTML 21Page - PHOENIX CONTACT 1754610 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
https://www.phoenixcontact.com/pi/products/1754610
09/12/2020   Page 20 / 22
Printed-circuit board connector - FKCN 2,5/ 7-ST-5,08 - 1754610
Accessories
Printed-circuit board connector - MDSTBV 2,5/ 7-G-5,08 - 1845536
PCB headers, nominal current: 10 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 7, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning,
solder pin [P]: 3.5 mm, Can be aligned! Mounting flange: Order No. 1836477, 1836480. In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or FKCVR) must be used.
Combination with TMSTBP plug components is not possible!
 
 
Feed-through header - MSTBO 2,5/ 7-GR-5,08 - 1847152
PCB headers, nominal current: 8 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of positions:
7, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning, solder pin
[P]: 3.2 mm
 
 
Feed-through header - MSTBO 2,5/ 7-GL-5,08 - 1850482
PCB headers, nominal current: 8 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of positions:
7, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning, solder pin
[P]: 3.2 mm
 
 
Printed-circuit board connector - DFK-MSTBA 2,5/ 7-G-5,08 - 1898884
Feed-through header, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 7, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning,
solder pin [P]: 3.2 mm
 
 
Printed-circuit board connector - DFK-MSTBVA 2,5/ 7-G-5,08 - 1899184
Feed-through header, nominal current: 12 A, rated voltage (III/2): 320 V, nominal cross section: 2.5 mm², number of
positions: 7, pitch: 5.08 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear pinning
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com