Electronic Components Datasheet Search
  English  ▼

X  

1754843 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1754843
Description  Printed-circuit board connector - FKCN 2,5/ 7-STF-5,08
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754843 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1754843 Datasheet HTML 1Page - PHOENIX CONTACT 1754843 Datasheet HTML 2Page - PHOENIX CONTACT 1754843 Datasheet HTML 3Page - PHOENIX CONTACT 1754843 Datasheet HTML 4Page - PHOENIX CONTACT 1754843 Datasheet HTML 5Page - PHOENIX CONTACT 1754843 Datasheet HTML 6Page - PHOENIX CONTACT 1754843 Datasheet HTML 7Page - PHOENIX CONTACT 1754843 Datasheet HTML 8Page - PHOENIX CONTACT 1754843 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
https://www.phoenixcontact.com/pi/products/1754843
09/12/2020   Page 3 / 15
Printed-circuit board connector - FKCN 2,5/ 7-STF-5,08 - 1754843
Technical data
Material data – actuating element
Insulating material
PA
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Dimensions for the product
Length [ l ]
27.1 mm
Width [ w ]
45.56 mm
Height [ h ]
10.9 mm
Pitch
5.08 mm
Height (without solder pin)
10.9 mm
Packaging information
Type of packaging
packed in cardboard
Pieces per package
50
Denomination packing units
Pcs.
General product information
Note
In accordance with IEC 61984, COMBICON connectors have no
switching power (COC). During designated use, they must not be
plugged in or disconnected when carrying voltage or under load.
Ambient conditions
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Ambient temperature (operation)
-40 °C ... 100 °C (dependent on the derating curve)
Termination and connection method
Conductor connection test
The stripped-off ends of the largest conductor can be completely
inserted in the opening of the terminal point without using excessive
force.
Test result
Test passed
Test – repeated connection and release
IEC 60999-1:1999-11
Test passed
Test for conductor damage and slackening
IEC 60999-1:1999-11
Test passed
Pull-out test
Pull-out test
IEC 60999-1:1999-11
Test passed
Conductor cross section / conductor type / tensile force
0.2 mm² / solid / > 10 N
0.2 mm² / flexible / > 10 N
1.5 mm² / solid / > 40 N
2.5 mm² / flexible / > 50 N
Mechanical tests according to standard
Test specification
IEC 61984



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com