Electronic Components Datasheet Search
  English  ▼

X  

1756450 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1756450
Description  Printed-circuit board connector - MSTB 2,5/12-ST BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1756450 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1756450 Datasheet HTML 1Page - PHOENIX CONTACT 1756450 Datasheet HTML 2Page - PHOENIX CONTACT 1756450 Datasheet HTML 3Page - PHOENIX CONTACT 1756450 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1756450
11/04/2018   Page 1 / 4
Printed-circuit board connector - MSTB 2,5/12-ST BK - 1756450
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 12 A, number of positions: 12, pitch: 5 mm, connection method: Screw
connection with tension sleeve, color: black, contact surface: Tin
The figure shows a 10-pos. version
of the product in green
Your advantages
 Well-known connection principle allows worldwide use
 Low temperature rise, thanks to maximum contact force
 Allows connection of two conductors
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918222673
Technical data
Dimensions
Length [ l ]
18.2 mm
Width [ w ]
60 mm
Height [ h ]
15 mm
Pitch
5 mm
Dimension a
55 mm
General
Range of articles
MSTB 2,5/..-ST
Number of positions
12
Connection method
Screw connection with tension sleeve
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE


Similar Part No. - 1756450

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756456 PHOENIX-1756456 Datasheet
91Kb / 4P
Printed-circuit board connector - MCVW 1,5/ 4-ST-3,81BD:8-11
11/04/2018
More results

Similar Description - 1756450

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756298 PHOENIX-1756298 Datasheet
115Kb / 10P
Printed-circuit board connector - MSTB 2,5/ 4-ST BK
1756311 PHOENIX-1756311 Datasheet
385Kb / 17P
Printed-circuit board connector - MSTB 2,5/ 5-ST BK
1749030 PHOENIX-1749030 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/12-ST AU
1749221 PHOENIX-1749221 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/14-ST BK AU
1756337 PHOENIX-1756337 Datasheet
75Kb / 6P
Printed-circuit board connector - MSTB 2,5/ 6-ST BK
1756434 PHOENIX-1756434 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/11-ST BK
1756447 PHOENIX-1756447 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/12-G BK
1756492 PHOENIX-1756492 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/14-ST BK
1756573 PHOENIX-1756573 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/18-ST BK
1764141 PHOENIX-1764141 Datasheet
44Kb / 3P
Printed-circuit board connector - MSTB 2,5/ 9-ST-5,08 BK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com