Electronic Components Datasheet Search
  English  ▼

X  

OPA387 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA387
Description  OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA387 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA387 Datasheet HTML 3Page - Texas Instruments OPA387 Datasheet HTML 4Page - Texas Instruments OPA387 Datasheet HTML 5Page - Texas Instruments OPA387 Datasheet HTML 6Page - Texas Instruments OPA387 Datasheet HTML 7Page - Texas Instruments OPA387 Datasheet HTML 8Page - Texas Instruments OPA387 Datasheet HTML 9Page - Texas Instruments OPA387 Datasheet HTML 10Page - Texas Instruments OPA387 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
6.6 Electrical Characteristics
at TA = 25°C, RL = 10 kΩ connected to VS / 2, VS = 1.7 V to 5.5 V, VCM = VS / 2, VOUT = VS / 2, and min and max specification
established from manufacturing final test (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5.5 V
±0.25
±2
µV
VS = 1.7 V
±0.35
±2.5
TA = –40°C to +125°C(1)
±0.4
dVOS/dT
Input offset voltage drift
TA = –40°C to +125°C(1)
OPA387, OPA2387
±0.003
±0.012
μV/°C
OPA4387
±0.018
PSRR
Power supply rejection
ratio
OPA387, OPA2387
±0.05
±0.35
μV/V
OPA4387
±0.5
TA = –40°C to +125°C(1)
±1
INPUT BIAS CURRENT
IB
Input bias current
OPA387, OPA2387
±30
±150
pA
OPA4387
±300
TA = –40°C to +125°C(1)
OPA387, OPA2387
±200
OPA4387
±350
IOS
Input offset current
OPA387, OPA2387
±60
±300
pA
OPA4387
±500
TA = –40°C to +125°C(1)
OPA387, OPA2387
±400
OPA4387
±700
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
177
nVPP
27
nVRMS
eN
Input voltage noise density
f = 1 Hz
8.5
nV/√Hz
f = 10 Hz
8.5
f = 100 Hz
8.5
f = 1 kHz
8.5
iN
Input current noise
f = 1 kHz
70
fA/√Hz
INPUT VOLTAGE
VCM
Common-mode voltage
range
VS = 1.7 V
(V–) – 0.1
(V+)
V
VS = 5.5 V
(V–) – 0.2
(V+) + 0.1
CMRR
Common-mode rejection
ratio
(V–) – 0.1 V < VCM < (V+), VS = 1.7 V
115
138
dB
(V–) – 0.2 V < VCM < (V+) +
0.1 V, VS = 5.5 V
OPA387, OPA2387
140
150
OPA4387
130
(V–) – 0.1 V < VCM < (V+), TA = –40°C to +125°C(1)
110
132
(V–) – 0.2 V < VCM < (V+) + 0.1, VS = 5.5 V,
TA = –40°C to +125°C(1)
130
INPUT CAPACITANCE
ZID
Differential
100 || 3
MΩ || pF
ZICM
Common-mode
60 || 3
GΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 100 mV < VOUT <
(V+) – 100 mV
OPA387, OPA2387
135
145
dB
OPA4387
120
TA = –40°C to +125°C(1)
125
(V–) + 150 mV < VOUT <
(V+) – 150 mV,
RL = 2 kΩ
OPA387, OPA2387
132
145
OPA4387
120
TA = –40°C to +125°C(1)
125
www.ti.com
OPA387, OPA2387, OPA4387
SBOS984F – NOVEMBER 2020 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA387 OPA2387 OPA4387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com