Electronic Components Datasheet Search
  English  ▼

X  

1756498 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1756498
Description  Printed-circuit board connector - GICV 2,5 HC/ 3-G-7,62
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1756498 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1756498 Datasheet HTML 1Page - PHOENIX CONTACT 1756498 Datasheet HTML 2Page - PHOENIX CONTACT 1756498 Datasheet HTML 3Page - PHOENIX CONTACT 1756498 Datasheet HTML 4Page - PHOENIX CONTACT 1756498 Datasheet HTML 5Page - PHOENIX CONTACT 1756498 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1756498
09/12/2020   Page 1 / 6
Printed-circuit board connector - GICV 2,5 HC/ 3-G-7,62 - 1756498
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 16 A, rated voltage (III/2): 630 V, nominal cross section: 2.5 mm², number of
positions: 3, pitch: 7.62 mm, color: green, contact surface: Tin, mounting: Wave soldering, pin layout: Linear
pinning, solder pin [P]: 3.6 mm
The figure shows a 5-pos. version
of the product
Your advantages
 Well-known mounting principle allows worldwide use
 Inverted header with socket contacts for touch-proof device outputs or PCB/PCB connections
 Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356339278
Technical data
Item properties
Brief article description
Feed-through header
Plug-in system
POWER COMBICON 2,5
Type of contact
Female connector
Range of articles
GICV 2,5 HC/..-G
Pitch
7.62 mm
Number of positions
3
Mounting type
Wave soldering
Pin layout
Linear pinning
Locking
without
Number of levels
1
Number of connections
3
Number of potentials
3


Similar Part No. - 1756498

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756492 PHOENIX-1756492 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/14-ST BK
More results

Similar Description - 1756498

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756485 PHOENIX-1756485 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 2-G-7,62
1756508 PHOENIX-1756508 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 4-G-7,62
1756511 PHOENIX-1756511 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 5-G-7,62
1756524 PHOENIX-1756524 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 6-G-7,62
1756537 PHOENIX-1756537 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 7-G-7,62
1756540 PHOENIX-1756540 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 8-G-7,62
1756553 PHOENIX-1756553 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/ 9-G-7,62
1756566 PHOENIX-1756566 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/10-G-7,62
1756579 PHOENIX-1756579 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/11-G-7,62
1756582 PHOENIX-1756582 Datasheet
73Kb / 4P
Printed-circuit board connector - GICV 2,5 HC/12-G-7,62
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com