Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS00DYY Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HCS00DYY
Description  SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS00DYY Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS00DYY Datasheet HTML 1Page - Texas Instruments SN74HCS00DYY Datasheet HTML 2Page - Texas Instruments SN74HCS00DYY Datasheet HTML 3Page - Texas Instruments SN74HCS00DYY Datasheet HTML 4Page - Texas Instruments SN74HCS00DYY Datasheet HTML 5Page - Texas Instruments SN74HCS00DYY Datasheet HTML 6Page - Texas Instruments SN74HCS00DYY Datasheet HTML 7Page - Texas Instruments SN74HCS00DYY Datasheet HTML 8Page - Texas Instruments SN74HCS00DYY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 5 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Alarm or tamper detect circuit
• S-R latch
3 Description
This device contains four independent 2-input NAND
Gates with Schmitt-trigger inputs. Each gate performs
the Boolean function Y = A ● B in positive logic.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS00PW
TSSOP (14)
5.00 mm × 4.40 mm
SN74HCS00D
SOIC (14)
8.70 mm × 3.90 mm
SN74HCS00BQA
WQFN (14)
3.00 mm × 2.50 mm
SN74HCS00DYY
SOT-23 (14)
4.20 mm × 2.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-Trigger Inputs
SN74HCS00
SCLS775C – DECEMBER 2019 – REVISED DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS00DYY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS00DYY-Q1 TI-SN74HCS00DYY-Q1 Datasheet
2Mb / 30P
SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
More results

Similar Description - SN74HCS00DYY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
logo
Diodes Incorporated
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
Rev 1
logo
Texas Instruments
SN74HCS00-Q1 TI1-SN74HCS00-Q1 Datasheet
300Kb / 17P
SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00-Q1 TI1-SN74HCS00-Q1_V01 Datasheet
340Kb / 18P
SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00 TI1-SN74HCS00 Datasheet
338Kb / 18P
SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00 TI1-SN74HCS00_V01 Datasheet
1,001Kb / 22P
SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00 TI-SN74HCS00_V02 Datasheet
1Mb / 24P
SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00-Q1 TI-SN74HCS00-Q1_V02 Datasheet
1Mb / 27P
SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00-Q1 TI-SN74HCS00-Q1_V03 Datasheet
2Mb / 30P
SN74HCS00-Q1 Automotive Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com