Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS00DYYR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS00DYYR
Description  SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS00DYYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74HCS00DYYR Datasheet HTML 7Page - Texas Instruments SN74HCS00DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS00DYYR Datasheet HTML 9Page - Texas Instruments SN74HCS00DYYR Datasheet HTML 10Page - Texas Instruments SN74HCS00DYYR Datasheet HTML 11Page - Texas Instruments SN74HCS00DYYR Datasheet HTML 12Page - Texas Instruments SN74HCS00DYYR Datasheet HTML 13Page - Texas Instruments SN74HCS00DYYR Datasheet HTML 14Page - Texas Instruments SN74HCS00DYYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
In this application, two 2-input NAND gates are used to create an active-low SR latch as shown in Figure 9-1.
The two additional gates can be used for a second SR latch, or the inputs can be grounded and both channels
left unused.
The SN74HCS00 is used to drive the tamper indicator LED and provide one bit of data to the system controller.
When the tamper switch outputs LOW, the output Q becomes HIGH. This output remains HIGH until the system
controller addresses the event and sends a LOW signal to the R input which returns the Q output back to LOW.
The inputs of this active-low SR latch can often be driven by open-drain outputs which can produce slow input
transition rates when they transition from LOW to Hi-Z. This makes the SN74HCS00 ideal for the application
because it has Schmitt-trigger inputs that do not have input transition rate requirements.
9.2 Typical Application
System
Controller
Tamper
Switch
R
S
Q
R1
Tamper
Indicator
R2
Figure 9-1. Typical Application Block Diagram
9.2.1 Design Requirements
• All signals in the system operate at 5 V
• Avoid unstable state by not having LOW signals on both inputs
• Q output is HIGH when S is LOW
– Q output remains High until R is LOW
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The supply must be capable of sourcing current equal to the total current to be sourced by all outputs of the
SN74HCS00 plus the maximum supply current, ICC, listed in the Electrical Characteristics. The logic device can
only source or sink as much current as it is provided at the supply and ground pins, respectively. Be sure not to
exceed the maximum total current through GND or VCC listed in the Absolute Maximum Ratings.
www.ti.com
SN74HCS00
SCLS775C – DECEMBER 2019 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN74HCS00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com