Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS14D Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74HCS14D
Description  SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS14D Datasheet(HTML) 5 Page - Texas Instruments

  SN74HCS14D Datasheet HTML 1Page - Texas Instruments SN74HCS14D Datasheet HTML 2Page - Texas Instruments SN74HCS14D Datasheet HTML 3Page - Texas Instruments SN74HCS14D Datasheet HTML 4Page - Texas Instruments SN74HCS14D Datasheet HTML 5Page - Texas Instruments SN74HCS14D Datasheet HTML 6Page - Texas Instruments SN74HCS14D Datasheet HTML 7Page - Texas Instruments SN74HCS14D Datasheet HTML 8Page - Texas Instruments SN74HCS14D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
SN74HCS14
UNIT
PW (TSSOP)
D (SOIC)
BQA (WQFN)
DYY (SOT)
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal
resistance
151.7
133.6
109.7
236.5
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
79.4
89.0
111.0
143.2
°C/W
RθJB
Junction-to-board thermal
resistance
94.7
89.5
77.9
146.0
°C/W
ΨJT
Junction-to-top characterization
parameter
25.2
45.5
20.2
29.5
°C/W
ΨJB
Junction-to-board characterization
parameter
94.1
89.1
77.8
145.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
N/A
N/A
56.6
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
VT+
Positive switching threshold
2 V
0.7
1.5
V
4.5 V
1.7
3.15
6 V
2.1
4.2
VT-
Negative switching threshold
2 V
0.3
1.0
V
4.5 V
0.9
2.2
6 V
1.2
3.0
ΔVT
Hysteresis (VT+ - VT-)
2 V
0.2
1.0
V
4.5 V
0.4
1.4
6 V
0.6
1.6
VOH
High-level output voltage
VI = VIH or VIL
IOH = -20 µA
2 V to 6 V
VCC – 0.1
VCC – 0.002
V
IOH = -6 mA
4.5 V
4.0
4.3
IOH = -7.8 mA
6 V
5.4
5.75
VOL
Low-level output voltage
VI = VIH or VIL
IOL = 20 µA
2 V to 6 V
0.002
0.1
V
IOL = 6 mA
4.5 V
0.18
0.30
IOL = 7.8 mA
6 V
0.22
0.33
II
Input leakage current
VI = VCC or 0
6 V
±100
±1000
nA
ICC
Supply current
VI = VCC or 0, IO = 0
6 V
0.1
2
µA
Ci
Input capacitance
2 V to 6 V
5
pF
CPD
Power dissipation capacitance
per gate
No load
2V to 6 V
10
pF
www.ti.com
SN74HCS14
SCLS799D – JANUARY 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74HCS14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com