Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS14DYYR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS14DYYR
Description  SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS14DYYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74HCS14DYYR Datasheet HTML 7Page - Texas Instruments SN74HCS14DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS14DYYR Datasheet HTML 9Page - Texas Instruments SN74HCS14DYYR Datasheet HTML 10Page - Texas Instruments SN74HCS14DYYR Datasheet HTML 11Page - Texas Instruments SN74HCS14DYYR Datasheet HTML 12Page - Texas Instruments SN74HCS14DYYR Datasheet HTML 13Page - Texas Instruments SN74HCS14DYYR Datasheet HTML 14Page - Texas Instruments SN74HCS14DYYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The SN74HCS14 can be used to add an additional stage to a counter with an external flip-flop. Because
counters use a negative edge trigger, the flip-flop's clock input must be inverted to provide this function. Having
Schmitt-trigger inputs is important in this application to eliminate any noise issues that could impact the counting
function which could lead to incorrect frequency division. This function only requires one of the six available
inverters in the SN74HCS14 device, so the remaining channels can be used for other applications needing an
inverted signal or improved signal integrity. Unused inputs must be terminated at VCC or GND. Unused outputs
can be left floating.
9.2 Typical Application
D-Type
Flip-Flop
Counter
2
0
2
1
2
2
2
3
2
4
Input
Clear
Q
CLR
Q
D
CLR
Figure 9-1. Typical application block diagram
9.2.1 Design Requirements
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
The positive voltage supply must be capable of sourcing current equal to the total current to be sourced by all
outputs of the SN74HCS14 plus the maximum static supply current, ICC, listed in Electrical Characteristics and
any transient current required for switching. The logic device can only source as much current as is provided by
the positive supply source. Be sure not to exceed the maximum total current through VCC listed in the Absolute
Maximum Ratings.
The ground must be capable of sinking current equal to the total current to be sunk by all outputs of the
SN74HCS14 plus the maximum supply current, ICC, listed in Electrical Characteristics, and any transient current
required for switching. The logic device can only sink as much current as can be sunk into its ground connection.
Be sure not to exceed the maximum total current through GND listed in the Absolute Maximum Ratings.
The SN74HCS14 can drive a load with a total capacitance less than or equal to 50 pF while still meeting all of
the datasheet specifications. Larger capacitive loads can be applied, however it is not recommended to exceed
50 pF.
The SN74HCS14 can drive a load with total resistance described by RL ≥ VO / IO, with the output voltage and
current defined in the Electrical Characteristics table with VOH and VOL. When outputting in the high state, the
www.ti.com
SN74HCS14
SCLS799D – JANUARY 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN74HCS14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com