Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS74DYYR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS74DYYR
Description  SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS74DYYR Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS74DYYR Datasheet HTML 1Page - Texas Instruments SN74HCS74DYYR Datasheet HTML 2Page - Texas Instruments SN74HCS74DYYR Datasheet HTML 3Page - Texas Instruments SN74HCS74DYYR Datasheet HTML 4Page - Texas Instruments SN74HCS74DYYR Datasheet HTML 5Page - Texas Instruments SN74HCS74DYYR Datasheet HTML 6Page - Texas Instruments SN74HCS74DYYR Datasheet HTML 7Page - Texas Instruments SN74HCS74DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS74DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Pin Configuration and Functions
1D
1CLK
1PRE
1Q
1Q
GND
2CLR
VCC
2D
2CLK
2PRE
2Q
2Q
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1CLR
D, PW or DYY Package
14-Pin SOIC, TSSOP or SOT
Top View
1D
1CLK
1PRE
1Q
1Q
GND
2CLR
2D
2CLK
2PRE
2Q
2Q
PAD
1CLR
VCC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
BQA Package
14-Pin WQFN
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
1 CLR
1
Input
Clear for channel 1, active low
1D
2
Input
Data for channel 1
1CLK
3
Input
Clock for channel 1, rising edge triggered
1 PRE
4
Input
Preset for channel 1, active low
1Q
5
Output
Output for channel 1
1 Q
6
Output
Inverted output for channel 1
GND
7
—
Ground
2 Q
8
Output
Inverted output for channel 2
2Q
9
Output
Output for channel 2
2 PRE
10
Input
Preset for channel 2, active low
2CLK
11
Input
Clock for channel 2, rising edge triggered
2D
12
Input
Data for channel 2
2 CLR
13
Input
Clear for channel 2, active low
VCC
14
—
Positive supply
Thermal Pad
(1)
—
The thermal pad can be connected to GND or left floating. Do not connect to any other
signal or supply
(1)
BQA package only.
www.ti.com
SN74HCS74
SCLS782D – NOVEMBER 2019 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com