| Electronic Components Datasheet Search |
|
LS1088AFS Datasheet(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1088AFS Datasheet(HTML) 1 Page - NXP Semiconductors |
|
1 / 2 page ![]() Enabling the intelligent edge with NXP’s next generation DPAA2 data path architecture and ARM v8 64-bit processors. QorIQ LS1 Processor Family QorIQ LS1088A and LS1048A Communications Processors TARGET APPLICATIONS } Intelligent edge access } NFV solutions } Wireless access point control } Virtual CPE } iNIC } Industrial OVERVIEW The QorIQ LS10x8A family of multicore communications processors combines up to eight ARM® Cortex®-A53 cores with the advanced, high-performance datapath and network peripheral interfaces required for wireless access points, networking infrastructure and intelligent edge access, including virtual customer premise equipment (vCPE), and high-performance industrial applications. The QorIQ LS10x8A processors include NXP’s second- generation datapath acceleration architecture (DPAA2). DPAA2 provides the infrastructure required to support simplified and secure networking interface and accelerator sharing by multiple general-purpose CPU cores, while also providing a range of powerful acceleration engines to offload software running on the CPUs. The ARM® general-purpose processors and DPAA2 are supported by a powerful software toolkit that provides a higher level of hardware abstraction and makes software development quick and simple. This combination balances ease-of-use with high-performance processing in a Linux® environment that is familiar to any software programmer. Customers can fully exploit the underlying hardware and easily adapt to network changes for real-time ‘soft’ control over the network. SOFTWARE TOOLKIT NXP has significant and increasing global investment in software for the embedded marketplace. The NXP software development kit (SDK) delivers foundational technologies (user space, fast path, virtualization) that are continuously ‘upstreamed’ to support the networking portfolio. With 13+ years experience of commercial ARM software tooling, operating system development and delivery, NXP continues to be a strong |
Similar Part No. - LS1088AFS |
|
Similar Description - LS1088AFS |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |