Electronic Components Datasheet Search
  English  ▼

X  

APA2121RI-TY Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APA2121RI-TY
Description  Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2121RI-TY Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APA2121RI-TY Datasheet HTML 17Page - Anpec Electronics Coropration APA2121RI-TY Datasheet HTML 18Page - Anpec Electronics Coropration APA2121RI-TY Datasheet HTML 19Page - Anpec Electronics Coropration APA2121RI-TY Datasheet HTML 20Page - Anpec Electronics Coropration APA2121RI-TY Datasheet HTML 21Page - Anpec Electronics Coropration APA2121RI-TY Datasheet HTML 22Page - Anpec Electronics Coropration APA2121RI-TY Datasheet HTML 23Page - Anpec Electronics Coropration APA2121RI-TY Datasheet HTML 24Page - Anpec Electronics Coropration APA2121RI-TY Datasheet HTML 25Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Mar., 2003
APA2120/2121
www.anpec.com.tw
21
The gain for each audio input of the APA2120/1 is
set by the internal resistors (Ri and Rf) of volume
control amplifier in inverting configuration.
Ri vs Gain(BTL)
0
20
40
60
80
100
120
-40
-30
-20
-10
0
10
20
Gain(dB)
Ri(k
Ω)
Application Descriptions (Cont.)
Volume Control Function (Cont.)
For highest accuracy, the voltage shown in the ‘rec-
ommended voltage’ column of the table is used to
select a desired gain. This recommended voltage is
exactly halfway between the two nearest transitions.
The gain levels are 2dB/step from 20dB to -40dB in
BTL mode, and the last step at -80dB as mute mode.
Input Resistance, Ri
BTL mode operation brings the factor of 2 in the gain
equation due to the inverting amplifier mirroring the
voltage swing across the load. For the varying gain
setting, APA2120/1 generates each input resistance
on figure 4. The input resistance will affect the low
frequency performance of audio signal. The minmum
input resistance is 10k
Ω when gain setting is 20dB
and the resistance will ramp up when close loop gain
below 20dB. The input resistance has wide variation
(+/-10%) caused by process variation.
Figure 4: Input resistance vs Gain setting
RF
Ri
(3)
BTL Gain = -2 x
In the typical application an input capacitor, Ci, is re-
quired to allow the amplifier to bias the input signal to
the proper DC level for optimum operation. In this
case, Ci and the minimum input impedance Ri (10k
Ω)
form a high-pass filter with the corner frequency de-
termined in the follow equation :
Input Capacitor, Ci
The value of Ci is important to consider as it directly
affects the low frequency performance of the circuit.
Consider the example where Ri is 10k
Ω and the speci-
fication calls for a flat bass response down to 100Hz.
Equation is reconfigured as follow :
Consider to input resistance variation, the Ci is 0.16
µF
so one would likely choose a value in the range
of 0.22
µF to 1.0µF.
FC(highpass)=
1
2
πx10kΩxCi
(4)
Ci=
1
2
πx10kΩxfC
(5)
SE Gain =
RF
Ri
(2)
AV = -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com