Electronic Components Datasheet Search
  English  ▼

X  

39505000000 Datasheet(PDF) 2 Page - Littelfuse

Part # 39505000000
Description  Radial Lead Fuses TE5짰 > Fast Acting Fuse > 395 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

39505000000 Datasheet(HTML) 2 Page - Littelfuse

  39505000000 Datasheet HTML 1Page - Littelfuse 39505000000 Datasheet HTML 2Page - Littelfuse 39505000000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised:BO.11/13/20
Radial Lead Fuses
TE5® > Fast Acting Fuse > 395 Series
Average Time Current Curves
Current In Amperes
0.001
0.010
0.100
1
10
100
1000
10000
100000
0.100
1
10
100
0.02
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100°C
Temperature Maximum:
150°C
Preheat Time:
60-180 seconds
Solder Pot Temperature:
260°C Maximum
Solder Dwell Time:
2-5 seconds
Recommended Hand-Solder Parameters:
Solder Iron Temperature: 350°C +/- 5°C
Heating Time: 5 seconds max.
Note: These devices are not recommended for IR or Convection Reflow process.
Recommended Process Parameters:
Temperature Re-rating Curve
Note:
1. Rerating depicted in this curve is in addition to the standard derating of 25% for continuous operation.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com