Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV841 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 15Page - Texas Instruments TLV841 Datasheet HTML 16Page - Texas Instruments TLV841 Datasheet HTML 17Page - Texas Instruments TLV841 Datasheet HTML 18Page - Texas Instruments TLV841 Datasheet HTML 19Page - Texas Instruments TLV841 Datasheet HTML 20Page - Texas Instruments TLV841 Datasheet HTML 21Page - Texas Instruments TLV841 Datasheet HTML 22Page - Texas Instruments TLV841 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
8.4 Device Functional Modes
Table 8-1 and Table 8-2 summarizes the various functional modes of the device. Logic high is represented by "H"
and logic low is represented by "L".
Table 8-1. Truth Table for TLV841S
VDD
SENSE
RESET
(ACTIVE-HIGH)
RESET
(ACTIVE-LOW)
VDD < VPOR
—
Undefined
Undefined
VPOR < VDD < VDD(MIN) (1)
—
H
L
VDD ≥ VDD(MIN)
VSENSE< VIT-
H
L
VDD ≥ VDD(MIN)
VSENSE > VIT- + VHYS
L
H
(1)
When VDD falls below VDD(MIN), undervoltage-lockout (UVLO) takes effect and RESET is held logic low (RESET is held logic high) until
VDD falls below VPOR at which the RESET/RESET output is undefined.
Table 8-2. Truth Table for TLV841M
VDD
MR
RESET
(ACTIVE-HIGH)
RESET
(ACTIVE-LOW)
VDD < VPOR
—
Undefined
Undefined
VPOR < VDD < VIT-
—
H
L
VDD ≥ VIT-
L
H
L
VDD ≥ VIT-
H
L
H
VDD ≥ VIT-
Floating
L
H
8.4.1 Normal Operation (VDD > VPOR)
When VDD is greater than VPOR, the reset signal is determined by the voltage on the VDD pin with respect to the
trip point (VIT-)
• MR high: The reset signal corresponds to VDD with respect to the threshold voltage.
• MR low: In this mode, the reset is asserted regardless of the threshold voltage.
8.4.2 Below Power-On-Reset (VDD < VPOR)
When the voltage on VDD is lower than VPOR, the device does not have enough bias voltage to internally pull the
asserted output low or high and reset voltage level is undefined.
www.ti.com
TLV841
SLVSFO5C – APRIL 2020 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com