Electronic Components Datasheet Search
  English  ▼

X  

CE5M Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # CE5M
Description  ULTRAFAST CELL DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

CE5M Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  CE5M Datasheet HTML 1Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CE5M
ULTRAFAST CELL DIODE
PRV : 1000 Volts
Io : 5.0 Amperes
FEATURES :
* Glass passivated junction chip
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Ultrafast switching for high efficiency
* Pb / RoHS Free
MECHANICAL DATA :
* Case : C5A
* Terminals : Solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Cathode to bigger size slug
* Mounting position : Any
* Weight : 0.15 gram
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
VALUE
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
1000
V
Maximum RMS Voltage
VRMS
700
V
Maximum DC Blocking Voltage
VDC
1000
V
Maximum Average Forward Current Tc = 75
°C
IF(AV)
5.0
A
Peak Forward Surge Current Single half sine wave
superimposed on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 5 Amps.
VF
1.7
V
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
10.0
mA
Maximum Reverse Recovery Time ( Note 1 )
Trr
75
ns
Thermal Resistance, Junction to Case
RѲJC
10
°C/W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Note: (1) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
Page 1 of 1
Rev. 01 : November 22, 2011
RATING
IFSM
140
A
C5A
1.25
4.82
3.94
0.51
0.38
Dimensions in millimeter
Anode
Cathode
www.eicsemi.com


Similar Part No. - CE5M

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CE5037 INTEL-CE5037 Datasheet
337Kb / 31P
Digital Satellite Tuner with RF Bypass
logo
Adam Technologies, Inc.
CE50U ADAM-TECH-CE50U Datasheet
115Kb / 1P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
CE50U ADAM-TECH-CE50U Datasheet
559Kb / 9P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
logo
Delkin Devices.
CE51TQMF3-F1000-D DELKINDEVICES-CE51TQMF3-F1000-D Datasheet
196Kb / 4P
C600 CompactFlash
2/9/2021
CE51TQMF3-FD000-D DELKINDEVICES-CE51TQMF3-FD000-D Datasheet
196Kb / 4P
C600 CompactFlash
2/9/2021
More results

Similar Description - CE5M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
logo
Won-Top Electronics
C25A WTE-C25A_06 Datasheet
29Kb / 2P
25A AUTOMOTIVE CELL DIODE
C35A WTE-C35A_06 Datasheet
42Kb / 2P
35A AUTOMOTIVE CELL DIODE
C50A WTE-C50A_06 Datasheet
42Kb / 2P
50A AUTOMOTIVE CELL DIODE
logo
NXP Semiconductors
BYT79-600 NXP-BYT79-600 Datasheet
68Kb / 9P
Rectifier diode ultrafast
Rev. 01 - 16 October 2007
logo
STMicroelectronics
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Won-Top Electronics
C25A WTE-C25A_14 Datasheet
31Kb / 2P
25A AUTOMOTIVE CELL DIODE
C35A WTE-C35A_14 Datasheet
31Kb / 2P
35A AUTOMOTIVE CELL DIODE
C50A WTE-C50A_14 Datasheet
31Kb / 2P
50A AUTOMOTIVE CELL DIODE
C70A WTE-C70A_14 Datasheet
31Kb / 2P
70A AUTOMOTIVE CELL DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com